Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4630 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4630
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4630 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4630 Datasheet HTML 3Page - Cirrus Logic CS4630 Datasheet HTML 4Page - Cirrus Logic CS4630 Datasheet HTML 5Page - Cirrus Logic CS4630 Datasheet HTML 6Page - Cirrus Logic CS4630 Datasheet HTML 7Page - Cirrus Logic CS4630 Datasheet HTML 8Page - Cirrus Logic CS4630 Datasheet HTML 9Page - Cirrus Logic CS4630 Datasheet HTML 10Page - Cirrus Logic CS4630 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
CS4630
DS445PP1
7
PCI INTERFACE PINS (T
A =0° to 70° C; PCIVDD = CRYVDD = 3.3 V; CVDD = 2.5 V; VDD5REF = 5 V;
PCIGND = CGND = CRYGND = 0 V; Logic 0 = 0 V, Logic 1 = 3.3 V; Timing reference levels = 1.4 V)
Notes: 15. For Active/Float measurements, the Hi-Z or “off” state is when the total current delivered is less than or
equal to the leakage current. Specification is guaranteed by design, not production tested.
16. RST# is asserted and de-asserted asynchronously with respect to PCICLK.
17. All output drivers are asynchronously floated when RST# is active.
18. REQ# and GNT# are point to point signals. All other PCI signals are considered bused signals.
Parameter
Symbol
Min
Max
Unit
PCICLK cycle time
tcyc
30
-
ns
PCICLK high time
thigh
11
-
ns
PCICLK low time
tlow
11
-
ns
PCICLK to signal valid delay - bused signals
(Note 18)
tval
211
ns
PCICLK to signal valid delay - point to point
(Note 18)
tval(p+p)
212
ns
Float to active delay
(Note 15)
ton
1-
ns
Active to Float delay
(Note 15)
toff
-28
ns
Input Set up Time to PCICLK - bused signals
(Note 18)
tsu
7-
ns
Input Set up Time to PCICLK - point to point
(Note 18)
tsu(p+p)
10, 12
-
ns
Input hold time for PCICLK
th
0-
ns
Reset active time after PCICLK stable
(Note 16)
trst-clk
100
-
µs
Reset active to output float delay
(Notes 15, 16, 17)
trst-off
-30
ns
PCICLK
t rst-clk
RST#
OUTPUTS
Hi-Z
INPUTS
Valid
Input
t on
t off
tsu
t h
OUTPUTS
Valid
t val
trst-off
Figure 2. PCI Timing Measurement Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com