Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4630 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS4630
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4630 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS4630 Datasheet HTML 19Page - Cirrus Logic CS4630 Datasheet HTML 20Page - Cirrus Logic CS4630 Datasheet HTML 21Page - Cirrus Logic CS4630 Datasheet HTML 22Page - Cirrus Logic CS4630 Datasheet HTML 23Page - Cirrus Logic CS4630 Datasheet HTML 24Page - Cirrus Logic CS4630 Datasheet HTML 25Page - Cirrus Logic CS4630 Datasheet HTML 26Page - Cirrus Logic CS4630 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
CS4630
DS445PP1
23
7. EEPROM INTERFACE
The EEPROM configuration interface allows the
connection of an optional external EEPROM de-
vice to provide power-up configuration informa-
tion. The external EEPROM is not required for
proper operation; however, in some applications
power-up configuration settings other than the de-
fault values may be required to support specific op-
erating system compatibility requirements.
After a hardware reset, an internal state machine in
the CS4630 will automatically detect the presence
of an external EEPROM device (assuming EEPDIS
is low) and load the Subsystem ID and Subsystem
Vendor ID fields, along with two bytes of general
configuration information, into internal registers.
At power-up, the CS4630 will attempt to read from
the external device, and will check the data re-
ceived from the device for a valid signature header.
If the header data is invalid, the data transfer is
aborted. After power-up, the host can read or write
from/to the EEPROM device by accessing specific
registers in the CS4630. Cirrus Logic provides soft-
ware to read and write the EEPROM.
The two-wire interface for the optional external
EEPROM device is depicted in Figure 14. During
data transfers, the data line (EEDAT) can change
state only while the clock signal (EECLK) is low.
A state change of the data line while the clock sig-
nal is high indicates a start or stop condition to the
EEPROM device.
The EEPROM device read access sequence is
shown in the Figure 15. The timing follows that of
a random read sequence. The CS4630 first per-
forms a “dummy” write operation, then generates a
start condition followed by the slave device address
and the byte address of zero. The CS4630 always
begins access at byte address zero and continues
access a byte at a time, using a sequential read, until
all needed bytes in the EEPROM are read. Since
only a maximum of 12 bytes are needed, the small-
est EEPROM available will suffice.
SLIMD SP
Core
EEDAT
EECLK
4.7 k
Ω
2-wire
Serial
EEPROM
Figure 14. External EEPROM Connection
S 1 0 1 0 0 000 A 0 0 0000 0 0 A S 10 10 00 01 A
Data
Data
P
1
A
Start
Part
Address
Start
Acknowledge
No
Acknowledge
Stop
Acknowledge
Data
EEPROM
Write
Read
Bank
Address
Part
Address
CS46XX
Figure 15. EEPROM Read Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com