Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4630 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS4630
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4630 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS4630 Datasheet HTML 20Page - Cirrus Logic CS4630 Datasheet HTML 21Page - Cirrus Logic CS4630 Datasheet HTML 22Page - Cirrus Logic CS4630 Datasheet HTML 23Page - Cirrus Logic CS4630 Datasheet HTML 24Page - Cirrus Logic CS4630 Datasheet HTML 25Page - Cirrus Logic CS4630 Datasheet HTML 26Page - Cirrus Logic CS4630 Datasheet HTML 27Page - Cirrus Logic CS4630 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
CS4630
24
DS445PP1
8. GENERAL PURPOSE I/O PINS
Many of the CS4630 signal pins are internally mul-
tiplexed to serve different functions depending on
the environment in which the device is being used.
Several of the CS4630 signal pins may be used as
general purpose I/O pins when not required for oth-
er specific functions in a given application.
8.1
EGPIO
In addition to the GPIO pins on the CS4630, ex-
tended general purpose I/O has been added. Four
EGPIO pins are not multiplexed, EGPIO[7, 2:0];
whereas; EGPIO[6:3] are shared with the asyn-
chronous serial port. When this second async. seri-
al port is not used, all the EGPIO pins are available.
These pins have extended functionality in that any
EGPIO pin can be programmed to cause a power
management wake-up event on the PME# signal.
These pins also can be programmed as:
• input or output,
• edge or level sensitive (sticky),
• active high or low input,
• CMOS or open-drain output
9. ZV PORT SERIAL INTERFACE
The ZV PORT interface consists of three input
pins: ZLRCK, ZSCLK, and ZSDATA. ZLRCK is
the Left/Right clock indicating which channel is
currently being received. ZSCLK is the serial bit
clock where ZLRCK and ZSDATA change on the
falling edge and serial data is internally latched on
the rising edge. Note that the serial data starts one
ZSCLK period after ZLRCK transitions. Figure 16
illustrates the clocking on the ZV PORT pins.
10. CONSUMER IEC-958 DIGITAL
INTERFACE (S/PDIF)
The CS4630 supports the industry standard IEC-
958 consumer digital interface. Sometimes this
standard is referred to as S/PDIF, which refers to an
older version of this standard. This output provides
an interface, external to the PC, for storing digital
audio (as in a DAT or recordable CD-ROM) or
playing digital audio from digital speakers.
Figure 17 illustrates the circuit necessary for imple-
mentation of the IEC-958 consumer interface.
An external buffer is required to drive the current
needed for the 75
Ω interface. A current driver is
implemented to increase the transmission range of
the coaxial circuitry.
Figure 18 illustrates an optional fiber optic circuit.
The optical circuit connects directly to the CS4630
and no additional current driver is needed.
ZLRCK
ZSCLK
Left Channel
Right Channel
ZSDATA
6 54 3 210
98 7
15 14 13 12 11 10
654 32 10
9 87
15 14 13 12 11 10
Figure 16. ZV Port Clocking Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com