Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4630 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS4630
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4630 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS4630 Datasheet HTML 27Page - Cirrus Logic CS4630 Datasheet HTML 28Page - Cirrus Logic CS4630 Datasheet HTML 29Page - Cirrus Logic CS4630 Datasheet HTML 30Page - Cirrus Logic CS4630 Datasheet HTML 31Page - Cirrus Logic CS4630 Datasheet HTML 32Page - Cirrus Logic CS4630 Datasheet HTML 33Page - Cirrus Logic CS4630 Datasheet HTML 34Page - Cirrus Logic CS4630 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
CS4630
DS445PP1
31
GNT# - Master Grant, Input, Active Low
GNT# is driven by the system arbiter to indicate to the device that the PCI bus has been
granted.
PERR# - Parity Error, I/O, Active Low
PERR# is used for reporting data parity errors on the PCI bus.
SERR# - System Error, Open Drain Output, Active Low
SERR# is used for reporting address parity errors and other catastrophic system errors.
INTA# - Host Interrupt A (for SP), Open Drain Output, Active Low
INTA# is the level triggered interrupt pin dedicated to servicing internal device interrupt
sources.
PCICLK - PCI Bus Clock, Input
PCICLK is the PCI bus clock for timing all PCI transactions. All PCI synchronous signals are
generated and sampled relative to the rising edge of this clock.
RST# - PCI Device Reset, Active Low
RST# is the PCI bus master reset.
VDD5REF: Clean 5 V (or 3.3 V) Power Supply
VDD5REF is the power connection pin for the 5 V PCI pseudo supply for the PCI bus drivers.
This pin enables the PCI interface to support and be tolerant of 5 Volt signals. It must be
connected to +5 Volts. If the System PCI Bus is known to support only +3.3 V signal levels,
then this pin can be connected to +3.3 V or +3.3 V_Aux when supporting PME generation
from D3cold.
PCIVDD[8:0] - PCI Bus Driver Power Supply
PCIVDD pins are the PCI driver power supply pins. These pins must have a nominal
+3.3 Volts.
PCIGND[8:0] - PCI Bus Driver Ground Pins
PCIGND pins are the PCI driver ground reference pins.
12.2 PCI Power Management Interface Pins
PME# - PCI Power Management Event, Open Drain Output, Active Low
PME# signals a power management event. This signal can go low because of an AC ‘97 2.0
Codec or SP software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com