Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4630 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4630
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4630 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4630 Datasheet HTML 1Page - Cirrus Logic CS4630 Datasheet HTML 2Page - Cirrus Logic CS4630 Datasheet HTML 3Page - Cirrus Logic CS4630 Datasheet HTML 4Page - Cirrus Logic CS4630 Datasheet HTML 5Page - Cirrus Logic CS4630 Datasheet HTML 6Page - Cirrus Logic CS4630 Datasheet HTML 7Page - Cirrus Logic CS4630 Datasheet HTML 8Page - Cirrus Logic CS4630 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 1999
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS4630
Features
l 420 MIPs SLIMD™ DSP Architecture with
increased internal memory for greater
performance
l Hardware acceleration for Microsoft
DirectSound® and DirectSound3D®
Positional Audio
l Sensaura™ 3-D, 2 or 4 channel audio
l EAX™ 1.0 enhanced environmental audio
standard
l Unlimited-Voice Wavetable Synthesis with
Effects including DLS support
l Acoustic Echo Cancellation Hardware
Acceleration for NetMeeting™
l 10 Band Graphic Equalization
l High Quality Hardware Sample Rate
Conversion (90+ dB Dynamic Range)
l PC/PCI, DDMA, and CrystalClear Legacy
Support (CCLS™)
l PCI 2.1 Compliant PCI Interface
l Full duplex, 128 Stream DMA Interface with
Hardware Scatter/Gather Support
l PCI Power Management (D0 through
D3cold), APM 1.2, and ACPI 1.0
l Power Management Event (PME#)
Generation within D0-D3cold
l Dual AC ‘97 2.1 Codec Interface
l Asynchronous Digital Serial
Interface (ZV Port)
l S/PDIF Digital Input and Output
support for PCM and AC3
encoded 5.1 Channel Formats
l DirectInput™ Joystick and MPU-
401 MIDI In/Out
l 3.3 V / 2.5 V Power Supply (5 V
tolerant I/O)
l PC 98 and PC 99 Compliant
Description
The CS4630 is a high performance upgrade to the
CS4624 PCI audio accelerator. With support for legacy
compatibility modes, the CS4630 enables real mode
DOS compatibility within PCI-only audio subsystems.
This device, combined with application and driver
software, provides a complete system solution for
hardware
acceleration
of
Microsoft’s
DirectSound,
DirectSound3D, DirectInput, and Wavetable Synthesis.
WDM drivers provide support for both Windows 98® and
Windows 2000®.
The CS4630 is based on the Cirrus Logic CrystalClear™
Stream Processor (SP) DSP core. The SP core is
optimized for digital audio processing, and is powerful
enough to handle complex signal processing tasks such
as Sensaura 3D, 4-channel output, and hardware
wavetable synthesis. The SP core is supported by a bus
mastering PCI interface and a built-in dedicated DMA
engine with hardware scatter-gather support. These
support functions ensure extremely efficient transfer of
audio data streams to and from host-based memory
buffers, providing a system solution with maximum
performance and minimal host CPU loading.
ORDERING INFORMATION
CS4630-CM 128-pin MQFP 14x20x2.85 mm
NOV ‘99
DS445PP1
CrystalClear™ SoundFusion® PCI Audio Accelerator
28-Stream
DMA Controller
with Hardware
Scatter/Gather
MPU-401
MIDI Interface
PCI
Interface
Joystick
In terface
PC/PCI &
CCLS Legacy
S/PDIF In
S/PDIF Out
ZV Port
Program
ROM
Parameter
RAM
SLIMD
SP Core
Sample
RAM
Program
RAM
Coefficient
ROM
Dual Codec
AC ’97 2.1
Interface
Async. Serial
Port Interface
1
EGPIO


Similar Part No. - CS4630

ManufacturerPart #DatasheetDescription
logo
Clarke International
CS4600BO CLARKE-CS4600BO Datasheet
2Mb / 8P
4-SHELF INDUSTRIAL BOLTLESS SHELVING
GC0416
logo
Cirrus Logic
CS4610 CIRRUS-CS4610 Datasheet
446Kb / 29P
CrystalClear SoundFusion PCI Audio Accelerator
CS4610-CM CIRRUS-CS4610-CM Datasheet
446Kb / 29P
CrystalClear SoundFusion PCI Audio Accelerator
CS4610C-CQ CIRRUS-CS4610C-CQ Datasheet
446Kb / 29P
CrystalClear SoundFusion PCI Audio Accelerator
CS4611 CIRRUS-CS4611 Datasheet
446Kb / 29P
CrystalClear SoundFusion PCI Audio Accelerator
More results

Similar Description - CS4630

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4560 NSC-LM4560 Datasheet
380Kb / 54P
Advanced PCI Audio Accelerator
logo
Cirrus Logic
CS4281 CIRRUS-CS4281 Datasheet
549Kb / 36P
CrystalClear PCI Audio interface
CS4297 CIRRUS-CS4297 Datasheet
936Kb / 46P
CrystalClear SoundFusion Audio Codec 97
CS4297A CIRRUS-CS4297A Datasheet
938Kb / 52P
CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ Datasheet
474Kb / 52P
CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299 Datasheet
951Kb / 52P
CrystalClear SoundFusion Audio Codec 97
CS4610 CIRRUS-CS4610 Datasheet
446Kb / 29P
CrystalClear SoundFusion PCI Audio Accelerator
CS4614 CIRRUS-CS4614 Datasheet
221Kb / 24P
CrystalClear SoundFusion PCI Audio Accelerator
CS4299 CIRRUS-CS4299_06 Datasheet
1Mb / 52P
CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ_06 Datasheet
655Kb / 52P
CrystalClear SoundFusion Audio Codec 97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com