Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4630 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4630
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4630 Datasheet(HTML) 5 Page - Cirrus Logic

  CS4630 Datasheet HTML 1Page - Cirrus Logic CS4630 Datasheet HTML 2Page - Cirrus Logic CS4630 Datasheet HTML 3Page - Cirrus Logic CS4630 Datasheet HTML 4Page - Cirrus Logic CS4630 Datasheet HTML 5Page - Cirrus Logic CS4630 Datasheet HTML 6Page - Cirrus Logic CS4630 Datasheet HTML 7Page - Cirrus Logic CS4630 Datasheet HTML 8Page - Cirrus Logic CS4630 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
CS4630
DS445PP1
5
AC CHARACTERISTICS (PCI SIGNAL PINS ONLY) (T
A = 0° to 70° C;
PCIVDD = CRYVDD = 3.3 V; CVDD = 2.5 V; VDD5REF = 5 V; PCIGND = CGND = CRYGND = 0 V;
Logic 0 = 0 V, Logic 1 = 3.3 V; Reference levels = 1.4 V; unless otherwise noted; (Note 4))
Notes: 4. Specifications guaranteed by characterization and not production testing.
5. Refer to V/I curves in Figure 1. Specification does not apply to PCICLK and RST# signals. Switching
Current High specification does not apply to SERR#, PME#, and INTA# which are open drain outputs.
6. Cumulative edge rate across specified range. Rise slew rates do not apply to open drain outputs.
7. Equation A: IOH = 11.9 * (Vout - 5.25) * (Vout + 2.45) for 3.3 V > Vout > 3.1 V
8. Equation B: IOL = 78.5 * Vout * (4.4 - Vout) for 0 V < Vout < 0.71 V
Parameter
Symbol
Min
Max
Unit
Switching Current High
(Note 5)
0 < Vout < 1.4
1.4 < Vout < 2.4
3.1 < Vout < 3.3
IOH
-44
-
-
-
Note 7
mA
mA
Switching Current Low
(Note 5)
Vout > 2.2
2.2 > Vout > 0.55
0.71 > Vout > 0
IOL
95
Vout/0.023
-
-
-
Note 8
mA
mA
Low Clamp Current
-5 < Vin < -1
ICL
-mA
Output rise slew rate
0.4 V - 2.4 V load
(Note 6)
slewr
1
5
V/ns
Output fall slew rate
2.4 V - 0.4 V load
(Note 6)
slewf
1
5
V/ns
Pull Up
Equation A:
3.3
2.4
voltage
1.4
DC
drive point
AC drive
point
I
= 11.9*(Vout-5.25)*(Vout+2.45)
for 3.3V > Vout > 3.1V
OH
test
point
-2
-44 Current (mA) -176
Pull Down
Equation B:
3.3
2.2
0.55
voltage
DC drive
point
I
= 78.5*Vout*(4.4-Vout)
for 0V < Vout < 0.71V
OL
AC drive
point
test
point
3, 6
95
380
Current (mA)
Figure 1. AC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com