Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4630 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS4630
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4630 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS4630 Datasheet HTML 21Page - Cirrus Logic CS4630 Datasheet HTML 22Page - Cirrus Logic CS4630 Datasheet HTML 23Page - Cirrus Logic CS4630 Datasheet HTML 24Page - Cirrus Logic CS4630 Datasheet HTML 25Page - Cirrus Logic CS4630 Datasheet HTML 26Page - Cirrus Logic CS4630 Datasheet HTML 27Page - Cirrus Logic CS4630 Datasheet HTML 28Page - Cirrus Logic CS4630 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
CS4630
DS445PP1
25
DGND
DGND
DGND
DGND
1
2
1
2
374
90.9
1
5
4
8
1
2
J-RCA-RA-PCB
GND
VCC
1
2
4
5
+5 V PCI
0.1
µF
SN75179D
SPDIF I
3
SPDIFO
6
7
8
IEC_958_TX
29398
DGND
1
2
IEC_958_RX
J-RCA-RA-PCB
1
2
75
0.1 µF
0.1 µF
21
Figure 17. IEC Consumer Interface Implementation Circuit
DGND
DGND
DGND
+5V_PCI
SPDIFO
TOTX-173
1
2
3
4
5
6
8.2K
.1
µF
5
6
DGND
DGND
TOTX-173
DGND
+5V_PCI
SPDIFI
47 µH
1 µF
1 k
4
3
2
1
Figure 18. Optional Fiber Optic Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com