Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4630 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS4630
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4630 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS4630 Datasheet HTML 15Page - Cirrus Logic CS4630 Datasheet HTML 16Page - Cirrus Logic CS4630 Datasheet HTML 17Page - Cirrus Logic CS4630 Datasheet HTML 18Page - Cirrus Logic CS4630 Datasheet HTML 19Page - Cirrus Logic CS4630 Datasheet HTML 20Page - Cirrus Logic CS4630 Datasheet HTML 21Page - Cirrus Logic CS4630 Datasheet HTML 22Page - Cirrus Logic CS4630 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
CS4630
DS445PP1
19
4.3
Subsystem Vendor ID Fields
The Subsystem ID and Subsystem Vendor ID con-
figuration fields can be loaded in two different
ways. For systems using an EEPROM, typically
add-in cards, the EEPROM auto loads the data. For
a system using BIOS, typically mother boards, the
Configuration Space is loaded at offset FCh (see
Table 2). Once these values are loaded they will ap-
pear in the Configuration Space offset 2Ch. The
Subsystem ID and Subsystem Vendor ID fields in
the PCI Configuration Space default to value
0000h unless an external EEPROM device is de-
tected or unless the host has written to the appropri-
ate internal register to program the values.
4.4
Dynamic Config Register
The Dynamic Configuration Register is primarily
used to configure the hardware to support the gen-
eration of the PME# signal to the PCI bus and store
the particular hardware configuration. Bit 31,
PME_Support Shadow, shadows bits 14-11 of the
configuration space PMC Register at offset 42h.
Bits 29-27 will shadow bits 8-6 of the PMC Regis-
ter if the Vaux_Sense pin is high indicating auxil-
lary power is available. Otherwise, bits 8-6 will be
set to ‘000’b. Bits 23-0 are general purpose
Read/Write bits and the definitions will be deter-
mined by the driver.
The Dynamic Configuration Register bits can be
loaded in two different ways. For systems using an
EEPROM typically add-in cards, the EEPROM
auto loads the data. For a system using BIOS, typi-
cally mother boards, the Dynamic Configuration
Register is loaded at offset F8h (see Table 2). The
Dynamic Configuration Register bits will default to
value 0000h unless an external EEPROM device is
detected or unless the host has written to the appro-
priate internal register to program the values.
4.5
Interrupt Signal
The CS4630 PCI Interface includes an interrupt
controller function which receives interrupt re-
quests from multiple sources within the CS4630
device, and presents a single interrupt line (INTA)
to the host system. Interrupt control registers in the
CS4630 provide the host interrupt service routine
with the ability to identify the source of the inter-
rupt and to clear the interrupt sources. In the
CS4630, the single external interrupt is expanded
by the use of “virtual channels”. Each data stream
which is read from or written to a modular buffer is
assigned a virtual channel number. This virtual
channel number is signalled by the DMA sub-
system anytime the associated modular buffer
pointer passes the mid-point or wraps around. Vir-
tual channels are also used for message passing be-
tween the CS4630 and the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com