Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4630 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4630
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4630 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4630 Datasheet HTML 17Page - Cirrus Logic CS4630 Datasheet HTML 18Page - Cirrus Logic CS4630 Datasheet HTML 19Page - Cirrus Logic CS4630 Datasheet HTML 20Page - Cirrus Logic CS4630 Datasheet HTML 21Page - Cirrus Logic CS4630 Datasheet HTML 22Page - Cirrus Logic CS4630 Datasheet HTML 23Page - Cirrus Logic CS4630 Datasheet HTML 24Page - Cirrus Logic CS4630 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
CS4630
DS445PP1
21
depicting the Dual AC ’97 codec configuration as a
docking station is given in Figure 9. In this scenar-
io, the first codec is used in the portable for tradi-
tional functions such as analog support for the
portable’s Line In, Mic In, and Line Out jacks. The
AC Link to the dock is buffered and sent across to
the
docking
station
to
support
a
second
CS4297A/98/99 that supports the dock’s analog
jacks. When the system gets a message that the
docking station is attached, the software can re-
place the portable’s analog jack control for the
docking station’s jacks seemlessly. Using a stan-
dard AC Link for the docking station support main-
tains the highest quality of audio over analog
docking station scenarios. In addition, since the AC
Link is a standard, the docking station can be uti-
lized over a number of portable generations with-
out concern for obsolescence.
The signal connections between the CS4630 and
the dual Codecs are shown in Figure 12. In this
configuration, both AC ‘97 codecs run off the same
ABITCLK with the primary AC ’97 Codec being
the timing master for the first AC Link and for the
CS4630. The secondary CS4297/97A/98/99 and
the CS4630 are slaves to the incoming ABITCLK.
Full FIFO buffers for both codecs are supported.
ABITCLK
ASYNC
ASDOUT
ASDIN
ARST#
MIDIIN
MIDIOUT
JACX, JACY, JBCX, JBCY
JAB1, JAB2, JBB1, JBB2
Joystick/
MIDI Port
BIT_CLK
SYNC
SDATA_OUT
SDATA_IN
RESET#
ASDIN2
BIT_CLK
SYNC
SDATA_OUT
SDATA_IN
RESET#
24.576 MHz
CS4297/97A/99
Secondary
AC’97 2.0 Codec
12.288 MHz
48 kHz
Figure 12. Dual AC ‘97 Codec Connection Diagram
CS4630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com