Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4630 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4630
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4630 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4630 Datasheet HTML 18Page - Cirrus Logic CS4630 Datasheet HTML 19Page - Cirrus Logic CS4630 Datasheet HTML 20Page - Cirrus Logic CS4630 Datasheet HTML 21Page - Cirrus Logic CS4630 Datasheet HTML 22Page - Cirrus Logic CS4630 Datasheet HTML 23Page - Cirrus Logic CS4630 Datasheet HTML 24Page - Cirrus Logic CS4630 Datasheet HTML 25Page - Cirrus Logic CS4630 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
CS4630
22
DS445PP1
6. GAME PORT
6.1
MIDI Port
In the AC ’97 controller configuration, a bi-direc-
tional MIDI interface is provided to allow connec-
tion of external MIDI devices. The MIDI interface
includes 16-byte FIFOs for the MIDI transmit and
receive paths.
6.2
Joystick Port
In the AC ’97 controller configuration, a joystick
port is provided. The joystick port supports four
“coordinate” channels and four “button” channels.
The coordinate channels provide joystick position-
al information to the host, and the button channels
provide user button event information. The joystick
interface is capable of operating in the traditional
“polled” mode, but also provides a “hardware ac-
celerated” mode of operation wherein internal
counters are provided to assist the host with coordi-
nate position determination. The Joystick schemat-
ic is illustrated in Figure 13.
+5 V
1
9
8
4
5
2
7
1nF
3
6
1nF
5.6 nF
2.2 k
Ω
2.2 k
Ω
2.2 k
Ω
2.2 k
Ω
4.7 k
Ω
5.6 nF
5.6 nF
5.6 nF
10
11
12
13
14
15
4.7 k
Ω
4.7 k
Ω
4.7 k
Ω
4.7 k
Ω
JAB1
JBB1
JACX
JBCX
JBCY
JACY
JBB2
JAB2
MIDIOUT
MIDIIN
1nF
1 nF
DSP
Figure 13. Joystick Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com