Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4952 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS4952
Description  NTSC/PAL Digital Video Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4952 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS4952 Datasheet HTML 15Page - Cirrus Logic CS4952 Datasheet HTML 16Page - Cirrus Logic CS4952 Datasheet HTML 17Page - Cirrus Logic CS4952 Datasheet HTML 18Page - Cirrus Logic CS4952 Datasheet HTML 19Page - Cirrus Logic CS4952 Datasheet HTML 20Page - Cirrus Logic CS4952 Datasheet HTML 21Page - Cirrus Logic CS4952 Datasheet HTML 22Page - Cirrus Logic CS4952 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
CS4952/53
DS223PP2
19
VSYNC will transition low to begin field one and
will remain low for 2.5 lines or (864 x 2.5) 2160
pixel cycles. Digital video input is expected to be
delivered to the CS4952/3 V [7:0] pins for 287
lines beginning on active video line 24 and continu-
ing through line 310.
Field two begins with VSYNC transitioning low
after 312.5 lines from the beginning of field one.
VSYNC stays low for 2.5 lines times and transi-
tions high with the beginning of line 315. Video in-
put on the V [7:0] pins is expected between line 336
through line 622.
Progressive Scan
The CS4952/3 supports a progessive scan mode
where the video output is non-interlaced. This is
accomplished by displaying only the first video
field for NTSC or PAL. To preserve exact MPEG-2
frame rates of 30 and 25 per second, the CS4952/3
displays the same first field repetitively but alter-
nately varies the field times. Other digital video en-
coders commonly support progressive scan by
repetitively displaying a 262 line field (524/525
lines for NTSC). In the long run this method is
flawed in that over time, the output display rate will
overrun a system clock locked MPEG-2 decom-
pressor and display a field twice every 8.75 sec-
onds.
PAL Progressive Scan
VSYNC will transistion low to begin field one and
will remain low for for 2.5 lines or (864 x 2.5) 2160
pixel times. Please reference Figure 11 for PAL
non-interlaced timing. Digital video input is ex-
pected to be delivered to the CS4952/3 V [7:0] pins
for 288 lines beginning on active video line 23 and
continuing through line 309.
Field two begins with VSYNC transitioning low
after 312 lines from the beginning of field one.
VSYNC stays low for 2.5 line times and transitions
high during the middle of line 315. Video input on
the V [7:0] pins is expected between line 335
through line 622. Field two is 313 lines long while
field one is 312.
NTSC Progressive Scan
VSYNC will transition low at line 4 to begin field
one and will remain low for 3 lines or (858 x 3)
2574 pixel times. Please reference Figure 12 for
NTSC interlaced timing. Digital video input is ex-
pected to be delivered to the CS4952/3 V [7:0] pins
for 240 lines beginning on active video line 22 and
continuing through line 261.
Field two begins with VSYNC transitioning low at
line 266. VSYNC stays low for 2.5 line times and
transitions high during the middle of line 268. Vid-
eo input on the V [7:0] pins is expected between
line 284 through line 524. Field two is 263 lines
long while field one is 262.
CCIR-656
The CS4952/3 supports an additional Slave Mode
feature that is selectable through the CCIR601 bit
of the CONTROL_0 register. The CCIR-656 slave
feature is unique because the horizontal and verti-
cal timing and digital video are combined into a
single 8-bit 27 MHz input. With CCIR-656 there
are no horizontal and vertical input or output
strobes, only 8-bit 27 MHz active CbYCrY data
with start and end of video codes being implement-
ed with reserved 00 and FF code sequences within
the video feed. As with all modes, V [7:0] are sam-
pled with the rising edge of CLK. The CS4952/3
expects the digital CCIR-656 stream to be error
free. The FIELD output toggles as with non
CCIR-656 input. CCIR-656 input timing is illus-
trated in Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com