Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4952 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4952
Description  NTSC/PAL Digital Video Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4952 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4952 Datasheet HTML 18Page - Cirrus Logic CS4952 Datasheet HTML 19Page - Cirrus Logic CS4952 Datasheet HTML 20Page - Cirrus Logic CS4952 Datasheet HTML 21Page - Cirrus Logic CS4952 Datasheet HTML 22Page - Cirrus Logic CS4952 Datasheet HTML 23Page - Cirrus Logic CS4952 Datasheet HTML 24Page - Cirrus Logic CS4952 Datasheet HTML 25Page - Cirrus Logic CS4952 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
CS4952/53
22
DS223PP2
Digital Video Input Modes
The CS4952/3 provides 2 different digital video in-
put
modes
that
are
selectable
through
the
IN_MODE bit of the CONTROL_0 register.
In mode 0 and upon RESET, the CS4952/3 defaults
to output a solid color (1 of a possible of 256 col-
ors). The background color is selected by writing
the BKG_COLOR register (0x08). The colorspace
of the register is RGB 3:3:2 and is unaffected by
gamma correction. The default color following RE-
SET is blue.
In mode 1 the CS4952/3 supports a single 8-bit
27 MHz CbYCrY source as input on the V [7:0]
pins. Input video timing can be CCIR601 master or
slave and progressive scan.
Multi-standard Output Format Modes
The CS4952/53 supports a wide range of output
formats compatible with worldwide broadcast stan-
dards.
These
formats
include
NTSC-M,
PAL-B/D/G/H/I, PAL-M, PAL-N and PAL Combi-
nation N (PAL-Nc) which is the broadcast standard
used in Argentina. After RESET, the CS4952/53 de-
faults to NTSC-M operation with CCIR601 analog
timing. NTSC-M can also be supported in the Japa-
nese format by turning off the 7.5 IRE pedestal
through the PED bit in the CONTROL_1 register
(0x01).
Output formats are configured by writing control
registers as shown in Table 2.
Subcarrier Generation
The CS4952/3 automatically synthesizes NTSC
and PAL color subcarrier clocks using the CLK fre-
quency
and
four
control
registers
(SC_SYNTH0/1/2/3). The NTSC subcarrier syn-
thesizer is reset every four fields and every eight
fields for PAL.
The SC_SYNTH0/1/2/3 registers used together
provide a 32-bit value which defaults to NTSC val-
ues of 43E0F83Eh following reset.
Table 3 indicates the 32-bit value required for the
different broadcast formats.
Subcarrier Compensation
Since the subcarrier is synthesized from CLK the
subcarrier frequency error will track the clock fre-
quency error. If the input clock has a tolerance of
200 ppm then the resulting subcarrier will also
have a tolerance of 200 ppm. Per the NTSC speci-
fication the final subcarrier tolerance is ±10 Hz
which is more like 3 ppm. Care must be taken in se-
lecting a suitable clock source.
In MPEG-2 system environments the clock is actu-
ally recovered from the data stream. In these cases
the recovered clock can be 27 MHz ±50 ppm or
Address
Register
NTSC-MC
CIR601
NTSC-MCCI
R60
(Japan)
NTSC-MR
S170A
PAL-B,D,
G,H,I
PAL-M
PAL-N
PAL-NCom
(Argentina)
0x00
CONTROL_0
01h
01h
21h
41h
61h
A1h
81h
0x01
CONTROL_1
04h
00h
04h
04h
04h
04h
04h
0x10
SC_AMP
1Ch
1Ch
1Ch
15h
15h
15h
15h
0x11
SC_SYNTH0
3Eh
3Eh
3Eh
96h
4Eh
96h
8Ch
0x12
SC_SYNTH1
F8h
F8h
F8h
15h
4Ah
15h
28h
0x13
SC_SYNTH2
E0h
E0h
E0h
13h
E1h
13h
EDh
0x14
SC_SYNTH3
43h
43h
43h
54h
43h
54h
43h
Table 2. Multi-standard Format Register Configurations
(Slave Mode, interlaced timing, non-656 data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com