Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4952 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS4952
Description  NTSC/PAL Digital Video Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4952 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS4952 Datasheet HTML 36Page - Cirrus Logic CS4952 Datasheet HTML 37Page - Cirrus Logic CS4952 Datasheet HTML 38Page - Cirrus Logic CS4952 Datasheet HTML 39Page - Cirrus Logic CS4952 Datasheet HTML 40Page - Cirrus Logic CS4952 Datasheet HTML 41Page - Cirrus Logic CS4952 Datasheet HTML 42Page - Cirrus Logic CS4952 Datasheet HTML 43Page - Cirrus Logic CS4952 Datasheet HTML 44Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
CS4952/53
DS223PP2
43
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.000
0.065
0.000
1.600
A1
0.002
0.006
0.050
0.150
B
0.012
0.018
0.300
0.450
D
0.478
0.502
11.700
12.300
D1
0.404
0.412
9.900
10.100
E
0.478
0.502
11.700
12.300
E1
0.404
0.412
9.900
10.100
e
0.029
0.037
0.700
0.900
L
0.018
0.030
0.450
0.750
∝
0.000
7.000
0.000
7.000
JEDEC # : MS-026
44L TQFP PACKAGE DRAWING
E1
E
D1
D
1
e
L
∝
B
A1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com