Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4952 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS4952
Description  NTSC/PAL Digital Video Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4952 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS4952 Datasheet HTML 21Page - Cirrus Logic CS4952 Datasheet HTML 22Page - Cirrus Logic CS4952 Datasheet HTML 23Page - Cirrus Logic CS4952 Datasheet HTML 24Page - Cirrus Logic CS4952 Datasheet HTML 25Page - Cirrus Logic CS4952 Datasheet HTML 26Page - Cirrus Logic CS4952 Datasheet HTML 27Page - Cirrus Logic CS4952 Datasheet HTML 28Page - Cirrus Logic CS4952 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
CS4952/53
DS223PP2
25
VREF
The CS4952/3 can operate with or without the aid
of an external voltage reference. The CS4952/3 is
designed with an internal voltage reference genera-
tor that provides a VREFOUT signal. The internal
voltage reference is utilized by electrically con-
necting the VREFOUT and VREFIN pins. VRE-
FIN can also be connected to an external precision
1.235 volt reference. In either case, VREFIN is to
be decoupled to ground with a 0.1
µF capacitor.
Decoupling should be applied as close to the device
pin as possible.
ISET
All four of the CS4952/3 digital to analog converter
DACs are output current normalized with a com-
mon ISET device pin. The DAC output current per
bit is determined by the size of the resistor connect-
ed between ISET and electrical ground. Typically a
10 k
Ω±1% metal film resistor should be used. The
ISET resistance can be changed by the user to ac-
commodate varying video output attenuation via
post filters and also to suit individual preferred per-
formance.
In conjunction with the ISET value, the user may
also independently vary the chroma, luma and col-
orburst amplitude levels via host addressable con-
trol register bits that are used to control internal
digital amplifiers. The DAC output levels are de-
fined by the following operations:
VREFIN/RISET = IREF
1.235 V/10 k
Ω = 123.5 µA
CVBS37/Y/C Outputs:
VOUT (max) = IREF
× (8/15) × 511 × 37.5 Ω =
1.262 V
CVBS75 Output:
VOUT (max) = IREF
× (4/15) × 511 × 75 Ω =
1.262 V
DACs
The CS4952/3 is equipped with 4 independent vid-
eo grade current output digital to analog converters.
They are 9-bit DACs operating at a 27 MHz two
times oversampling rate. All four DACs are dis-
abled and put in a low power mode upon RESET.
All four DACs can be individually powered down
and disabled. The output current per bit of all four
DACs is determined by the size of resistor connect-
ed between the ISET pin and electrical ground.
Luminance DAC
The Y pin is driven from a 9-bit 27 MHz current
output DAC that internally receives the Y or lumi-
nance portion of the video signal (black and white
intensity and syncronization information only). Y
is designed to drive proper video levels into a
37.5
Ω load. Reference the detailed electrical sec-
tion of this data sheet for the exact Y digital to an-
alog AC and DC performance data. A Y_EN
enable control bit in the DAC register (0x08) is
provided to enable or disable the luminance DAC.
For a complete disable and lower power operation
the Luminance DAC can be totally shut down via
the Y_PD control bit in the DAC register (0x08). In
this mode turn-on through the control register will
not be instantaneous.
Chrominance DAC
The C pin is driven from a 9-bit 27 MHz current
output DAC that internally receives the C or
chrominance portion of the video signal (color
only). C is designed to drive proper video levels
into a 37.5
Ω load. Reference the detailed electrical
section of this data sheet for the exact C digital to
analog AC and DC performance data. A C_EN en-
able control register bit in the DAC register (0x08)
is provided to enable or disable the Chrominance
DAC. For a complete disable and lower power op-
eration the Chrominance DAC can be totally shut
down via the C_PD control register bit in the DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com