Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4952 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS4952
Description  NTSC/PAL Digital Video Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4952 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS4952 Datasheet HTML 32Page - Cirrus Logic CS4952 Datasheet HTML 33Page - Cirrus Logic CS4952 Datasheet HTML 34Page - Cirrus Logic CS4952 Datasheet HTML 35Page - Cirrus Logic CS4952 Datasheet HTML 36Page - Cirrus Logic CS4952 Datasheet HTML 37Page - Cirrus Logic CS4952 Datasheet HTML 38Page - Cirrus Logic CS4952 Datasheet HTML 39Page - Cirrus Logic CS4952 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
CS4952/53
36
DS223PP2
BOARD DESIGN & LAYOUT
CONSIDERATIONS
The printed circuit layout should be optimized for
lowest noise on the CS4952/3 power and ground
lines. Digital and analog sections should be physi-
cally separated and the CS4952/3 placed as close to
the output connectors as possible. All analog sup-
ply traces should be as short as possible to mini-
mize inductive ringing.
A well designed power distribution network is es-
sential in eliminating digital switching noise. The
ground planes must provide a low-impedance re-
turn path for the digital circuits. A PC board with a
minimum of four layers is recommended. The
ground layer should be used as a shield to isolate
noise from the analog traces. The top layer (1)
should be reserved for analog traces but digital
traces may share this layer if the digital signals
have low edge rates and switch little current or if
they are separated from the analog traces by a sig-
nificant distance (dependent on their frequency
content and current). The second layer should then
be the ground plane followed by the analog power
plane on layer three and the digital signal layer on
layer four
Power and Ground Planes
The power and ground planes need isolation gaps
of at 0.05” to minimize digital switching noise ef-
fects on the analog signals and components. A split
analog/digital ground plane should be connected at
one point as close as possible to the CS4952/3. A
split analog/digital power plane should be connect-
ed at one point as close as possible to the power en-
try point and decoupled properly.
Power Supply Decoupling
Start by reducing power supply ripple and wiring
harness inductance by placing a large (33 - 100uF)
capacitor as close to the power entry point as pos-
sible. Use separate power planes or traces for the
digital and analog sections even if they use the
same supply. If necessary, further isolate the digital
and analog power supplies by using ferrite beads on
each supply branch followed by a low ESR capac-
itor.
Place all decoupling caps as close as possible to the
device as possible. Surface mount capacitors gen-
erally have lower inductance than radial lead or ax-
ial lead components. Surface mount caps should be
placed on the component side of the PCB to mini-
mize inductance caused by board vias. Any vias,
especially to ground, should be as large as practical
to reduce their inductive effects.
VREF Decoupling
The VREFOUT pin provides a 1.235 V reference
for the internal DACs. VREFOUT is only intended
to drive VREFIN. Do not connect to an external
load. A small bypass cap, however, may be placed
on VREFOUT to reduce noise. Usually a 0.1uF
MLC surface mount capacitor is sufficient.
Digital Interconnect
The digital inputs and outputs of the CS4952/3
should be isolated from the analog outputs as much
as possible. Use separate signal layers whenever
possible and do not route digital signals over the
analog power and ground planes.
Noise from the digital section is directly related to
the digital edge rates used. Ringing, overshoot, un-
dershoot, and ground bounce are all related to edge
rate. Use lower speed logic such as HCMOS for the
host port interface to reduce switching noise. For
the video input ports, higher speed logic is re-
quired, but use the slowest practical edge rate to re-
duce noise.
To reduce digital noise, it is important to match the
source impedance, line impedance, and load im-
pedance as much as possible. Generally, if the line
length is greater than one fourth the signal edge
rate, line termination is necessary. Ringing may
also be reduced by damping the line with a series
resistor (22 - 150
Ω). Under extreme cases, it may



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com