Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4952 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS4952
Description  NTSC/PAL Digital Video Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4952 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS4952 Datasheet HTML 26Page - Cirrus Logic CS4952 Datasheet HTML 27Page - Cirrus Logic CS4952 Datasheet HTML 28Page - Cirrus Logic CS4952 Datasheet HTML 29Page - Cirrus Logic CS4952 Datasheet HTML 30Page - Cirrus Logic CS4952 Datasheet HTML 31Page - Cirrus Logic CS4952 Datasheet HTML 32Page - Cirrus Logic CS4952 Datasheet HTML 33Page - Cirrus Logic CS4952 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
CS4952/53
30
DS223PP2
Control Register 2
Address
0x02
CONTROL_2
Read/Write
Default Value = 00h
DAC Power Down Register
Address
0x04
DAC
Read/Write
Default Value = F0h
Bit Number
76543
2
1
0
Bit Name
RESERVED
SYNC_DLY
XTAL
SC_EN
Default00000
0
0
0
Bit
Mnemonic
Function
7:4
-
reserved
3Y_BW
Selects between 4.2 Mhz and 6 Mhz on-chip luminance low pass filters; default
value is zero which selects the 4.2 Mhz low pass filter option
2
SYNC_DLY
Delays expected timing of first active pixel input data relative to falling edge of
HSYNC from 245 27 MHz clock cycles to 246 for NTSC and from 265 to 266 for
PAL. Default State is SYNC_DLY=0 for no delay
1
XTAL
Crystal oscillator for subcarrier adjustment enable (1: enable)
0
SC_EN
Chroma burst disable (1: disable)
Bit Number
76543210
Bit Name
C_75_PD
C_37_PD
Y_PD
C_PD
C_75_EN
C_37_EN
Y_EN
C_EN
Default
11110000
Bit
Mnemonic
Function
7
C_75_PD
power down composite DAC with 75
Ω load (0: power up, 1: power down)
6
C_37_PD
power down composite DAC with 37.5
Ω load (0: power up, 1: power down)
5
Y_PD
power down luma s-video DAC (0: power up, 1: power down)
4
C_PD
power down chroma s-video DAC (0: power up, 1: power down)
3
C_75_EN
enable composite video DAC output for 75
Ω (0: tri-state, 1: enable)
2
C_37_EN
enable composite video DAC output for 37.5
Ω (0: tri-state, 1: enable)
1
Y_EN
enable s-video DAC for luma output (0: tri-state, 1: enable)
0
C_EN
enable s-video DAC for chroma output (0: tri-state, 1: enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com