Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4952 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS4952
Description  NTSC/PAL Digital Video Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4952 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS4952 Datasheet HTML 22Page - Cirrus Logic CS4952 Datasheet HTML 23Page - Cirrus Logic CS4952 Datasheet HTML 24Page - Cirrus Logic CS4952 Datasheet HTML 25Page - Cirrus Logic CS4952 Datasheet HTML 26Page - Cirrus Logic CS4952 Datasheet HTML 27Page - Cirrus Logic CS4952 Datasheet HTML 28Page - Cirrus Logic CS4952 Datasheet HTML 29Page - Cirrus Logic CS4952 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
CS4952/53
26
DS223PP2
register (0x08). In this mode turn-on through the
control register will not be instantaneous.
CVBS75 DAC
The CVBS75 pin is driven from a 9-bit 27 MHz
current output DAC that internally receives a com-
bined luma and chroma signal to provide compos-
ite video output. CVBS75 is designed to drive
proper composite video levels into a 75
Ω load.
Reference the detailed electrical section of this data
sheet for the exact CVBS75 digital to analog AC
and DC performance data. A C_75_EN enable con-
trol register bit in the DAC register (0x08) is provid-
ed to enable or disable the ouput pin. When
disabled, no current flows from the output. For a
complete disable and lower power operation the
CVBS75 DAC can be totally shut down via the
C_75_PD control register bit in the DAC register
(0x08). In this mode turn-on through the control
register will not be instantaneous.
CVBS37 DAC
The CVBS37 pin is driven from a 9-bit 27 MHz
current output DAC that internally receives a com-
bined luma and chroma signal to provide compos-
ite video output. CVBS37 is designed to drive
proper composite video levels into a 37.5
Ω load.
Reference the detailed electrical section of this data
sheet for the exact CVBS37 digital to analog AC
and DC performance data. The C_37_EN DAC en-
able control register bit is in the DAC register
(0x08) provided to enable or disable the ouput pin.
When disabled, no current flow from the output.
For a complete disable and lower power operation
the CVBS37 DAC can be totally shut down via the
C_37_PD control register bit in the DAC register
(0x08). In this mode turn-on through the control
register will not be instantaneous.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com