Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4952 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4952
Description  NTSC/PAL Digital Video Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4952 Datasheet(HTML) 5 Page - Cirrus Logic

  CS4952 Datasheet HTML 1Page - Cirrus Logic CS4952 Datasheet HTML 2Page - Cirrus Logic CS4952 Datasheet HTML 3Page - Cirrus Logic CS4952 Datasheet HTML 4Page - Cirrus Logic CS4952 Datasheet HTML 5Page - Cirrus Logic CS4952 Datasheet HTML 6Page - Cirrus Logic CS4952 Datasheet HTML 7Page - Cirrus Logic CS4952 Datasheet HTML 8Page - Cirrus Logic CS4952 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
CS4952/53
DS223PP2
5
D.C. CHARACTERISTICS: (T
A=25 C; VAA = 5 V; GND = 0 V.)
Notes: 1. Output current levels with ISET = 10 k
Ω, VREFIN = 1.232 V.
2. Times for black-to-white level and white-to-black level transitions.
Parameter
Symbol
Min
Typ
Max
Units
Digital Inputs
High Level Input Voltage
V [7:0], PDAT [7:0],
HSYNC/VSYNC/FIELD/CLKIN
VIH
2.0
-
VAA+0.3
V
High Level Input Voltage
I2C
VIH
0.7VAA
--
V
Low Level Input Voltage
All Inputs
VIL
-0.3
-
0.8
V
Input Leakage Current
Digital Inputs
-
-10
-
+10
µA
Digital Outputs
High Level Output Voltage
Io = -4mA
VOH
2.4
-
VAA
V
Low Level Output Voltage
Io = 4mA
VOL
--
0.4
V
Low Level Output Voltage
SDA pin only, Io = 6mA
VOL
--
0.4
V
Output Leakage Current
High-Z Digital Outputs
-
-10
-
+10
µA
Analog Outputs
Full Scale Output Current
CVBS37/Y/C (Note 1)
IO37
32.9
34.7
36.5
mA
Full Scale Output Current
CVBS75 (Note 1)
IO75
16.4
17.3
18.2
mA
LSB Current
CVBS37/Y/C (Note 1)
IB37
64.5
68
71.5
µA
LSB Current
CVBS75 (Note 1)
IB35
32.2
34
35.8
µA
DAC-to-DAC Matching
MAT
-
2
-
%
Output Compliance
VOC
0-
+1.4
V
Output Impedance
ROUT
-15
-
k
Ω
Output Capacitance
COUT
--
30
pF
DAC Output Delay
ODEL
-4
12
ns
DAC Rise/Fall Time
(Note 2)
TRF
-2.5
5
ns
Voltage Reference
Reference Voltage Output
VOV
1.198
1.232
1.272
V
Reference Input Current
IVC
--
10
µA
Power Supply
Supply Voltage
VAA
4.75
5
5.25
V
Supply Current
All DACs on
CVBS75/CVGS37 only
CVBS75 only
IAA1
IAA2
IAA3
-
-
-
180
110
75
200
-
-
mA
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com