Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4952 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS4952
Description  NTSC/PAL Digital Video Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4952 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS4952 Datasheet HTML 36Page - Cirrus Logic CS4952 Datasheet HTML 37Page - Cirrus Logic CS4952 Datasheet HTML 38Page - Cirrus Logic CS4952 Datasheet HTML 39Page - Cirrus Logic CS4952 Datasheet HTML 40Page - Cirrus Logic CS4952 Datasheet HTML 41Page - Cirrus Logic CS4952 Datasheet HTML 42Page - Cirrus Logic CS4952 Datasheet HTML 43Page - Cirrus Logic CS4952 Datasheet HTML 44Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
CS4952/53
42
DS223PP2
TQFP Pin Description
Pin Name
Pin Number
Type
Description
V [7:0]
8, 7, 6, 5, 4, 3, 2, 1
IN
Digital video data inputs
CLKIN
27
IN
27 MHz input clock
ADDR
13
IN
Address enable line / subcarrier crystal input
XTAL
12
OUT
subcarrier crystal output
HSYNC/CB
10
I/O
Active low horizontal sync, or composite blank signal
VSYNC
11
I/O
Active low vertical sync.
FIELD
9
OUT
Video field ID. Selectable polarity
RD
25
IN
Host parallel port read strobe, active low
WR
26
IN
Host parallel port write strobe, active low
PDAT [7:0]
17,18,19,20,21,22,23,24
I/O
Host parallel port/ general purpose I/O
SDA
29
I/O
I2C data
SCL
30
IN
I2C clock input
CVBS75
43
CURRENT Composite video output for driving 75
Ω loads
CVBS37
42
CURRENT Composite video output for driving 37.5
Ω loads
Y
37
CURRENT Luminance analog output for driving 37.5
Ω loads
C
38
CURRENT Chrominance analog output for driving 37.5
Ω loads
VREFOUT
36
OUT
Internal voltage reference output
VREFIN
35
IN
External voltage reference input
ISET
34
OUT
DAC current set
INT
28
OUT
Interrupt output, active high
RESET
31
IN
Active low master reset
TEST
44
IN
TEST pin. Ground for normal operation
VAA
14, 33, 39, 41
PS
+5 V supply
GND
15, 16, 32, 40
PS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com