Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4952 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS4952
Description  NTSC/PAL Digital Video Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4952 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS4952 Datasheet HTML 25Page - Cirrus Logic CS4952 Datasheet HTML 26Page - Cirrus Logic CS4952 Datasheet HTML 27Page - Cirrus Logic CS4952 Datasheet HTML 28Page - Cirrus Logic CS4952 Datasheet HTML 29Page - Cirrus Logic CS4952 Datasheet HTML 30Page - Cirrus Logic CS4952 Datasheet HTML 31Page - Cirrus Logic CS4952 Datasheet HTML 32Page - Cirrus Logic CS4952 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
CS4952/53
DS223PP2
29
Control Register 0
Address
0x00
CONTROL_0
Read/Write
Default Value = 01h
Control Register 1
Address
0x01
CONTROL_1
Read/Write
Default Value = 04h
Bit Number
76
54
32
10
Bit Name
TV_FMT
MSTR
CCIR656
PROG
IN_MODE CBCR_UV
Default0
00
00
00
1
Bit
Mnemonic
Function
7:5
TV_FMT
selects the TV display format
000:
NTSC-M CCIR601 timing (default)
001:
NTSC-M RS170A timing
010:
PAL-B, D, G, H, I
011:
PAL-M
100:
PAL-N (Argentina)
101:
PAL-N (non Argentina)
110-111:
reserved
4
MSTR
1: Master Mode, 0: Slave Mode
3
CCIR656
video input is in CCIR656 format (0: off, 1: on)
2
PROG
Progressive scanning enable (enable with 1)
1
IN_MODE
Input select (0: solid background, 1: use V [7:0] data)
0
CBCR_UV
enable YCbCr to YUV conversion (1: enable, 0: disable)
Bit Number
76543210
Bit Name
CBLANK
Y_DELAY
C_BW
C_LPF_EN
FLD
PED
CBAR
CBCRSEL
Default
00000100
Bit
Mnemonic
Function
7
CBLANK
Composite Blank / HSYNC output select (1: CB, 0: HSYNC)
6
Y_DELAY
luma to chroma delay (0: no delay, 1: luma is delayed by one 13.5 MHz cycle)
5
C_BW
chroma lpf bandwidth (0: 650 KHz, 1: 1.3 MHz)
4
C_LPF_EN
chroma lpf on/off (0: off, 1: on)
3
FLD
Polarity of Field (0: odd field - 0, 1: odd field - 1)
2
PED
Pedestal offset (0: 0 IRE, 1: 7.5 IRE)
1
CBAR
internal color bar generator (0: off, 1: on)
0
CBCRSEL
CbCr select (0: chroma undelayed, 1: chroma delayed by one clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com