Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49326 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS49326
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49326 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS49326 Datasheet HTML 2Page - Cirrus Logic CS49326 Datasheet HTML 3Page - Cirrus Logic CS49326 Datasheet HTML 4Page - Cirrus Logic CS49326 Datasheet HTML 5Page - Cirrus Logic CS49326 Datasheet HTML 6Page - Cirrus Logic CS49326 Datasheet HTML 7Page - Cirrus Logic CS49326 Datasheet HTML 8Page - Cirrus Logic CS49326 Datasheet HTML 9Page - Cirrus Logic CS49326 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
CS49300 Family DSP
6
DS339PP4
1.
CHARACTERISTICS AND SPECIFICATIONS
1.1. Absolute Maximum Ratings
(AGND, DGND = 0 V; all voltages with respect to 0 V)
CAUTION: Operation at or beyond these limits may result in permanent damage to the device. Normal operation
is not guaranteed at these extremes.
1.2. Recommended Operating Conditions
(AGND, DGND = 0 V; all voltages with respect to 0 V)
1.3. Digital D.C. Characteristics
(TA = 25 °C; VA, VD[3:1] = 2.5 V ±5%; measurements performed under static conditions.)
1.4. Power Supply Characteristics
(TA = 25 °C; VA, VD[3:1] = 2.5 V ±5%; measurements performed under operating conditions)
Parameter
Symbol
Min
Max
Unit
DC power supplies:
Positive digital
Positive analog
||VA| – |VD||
VD
VA
–0.3
–0.3
-
2.75
2.75
0.3
V
V
V
Input current, any pin except supplies
Iin
-
±10
mA
Digital input voltage
VIND
–0.3
3.63
V
Storage temperature
Tstg
–65
150
°C
Parameter
Symbol
Min
Typ
Max
Unit
DC power supplies:
Positive digital
Positive analog
||VA| – |VD||
VD
VA
2.37
2.37
-
2.5
2.5
-
2.63
2.63
0.3
V
V
V
Ambient operating temperature
TA
0-
70
°C
Parameter
Symbol
Min
Typ
Max
Unit
High-level input voltage
VIH
2.0
-
-
V
Low-level input voltage
VIL
--
0.8
V
High-level output voltage at IO = –2.0 mA
VOH
VD
× 0.9
-
-
V
Low-level output voltage at IO = 2.0 mA
VOL
--
VD
× 0.11
V
Input leakage current
Iin
--
1.0
µA
Parameter
Symbol
Min
Typ
Max
Unit
Power supply current:
Digital operating: VD[3:1]
Analog operating: VA
-
-
200
1.7
310
4
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com