Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49326 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS49326
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49326 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS49326 Datasheet HTML 14Page - Cirrus Logic CS49326 Datasheet HTML 15Page - Cirrus Logic CS49326 Datasheet HTML 16Page - Cirrus Logic CS49326 Datasheet HTML 17Page - Cirrus Logic CS49326 Datasheet HTML 18Page - Cirrus Logic CS49326 Datasheet HTML 19Page - Cirrus Logic CS49326 Datasheet HTML 20Page - Cirrus Logic CS49326 Datasheet HTML 21Page - Cirrus Logic CS49326 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 86 page
background image
CS49300 Family DSP
18
DS339PP4
1.12. Switching Characteristics — CMPDAT, CMPCLK
(TA = 25 °C; VA, VD[3:1] = 2.5 V ±5%; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 20 pF)
1.13. Switching Characteristics — Parallel Data Input
(TA = 25 °C; VA, VD[3:1] = 2.5 V ±5%; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 20 pF)
Notes: 1. Certain timing parameters are normalized to the DSP clock, DCLK, in nanoseconds. The DSP clock can
be defined as follows:
External CLKIN Mode:
DCLK == CLKIN/4 before and during boot
DCLK == CLKIN after boot
Internal Clock Mode:
DCLK == 10MHz before and during boot, i.e. DCLK == 100ns
DCLK == 65 MHz after boot, i.e. DCLK == 15.4ns
It should be noted that DCLK for the internal clock mode is application specific. The application code
users guide should be checked to confirm DCLK for the particular application.
Parameter
Symbol
Min
Max
Unit
Serial compressed data clock CMPCLK period
Tcmpclk
-27
MHz
CMPDAT setup before CMPCLK high
Tcmpsu
5-
ns
CMPDAT hold after CMPCLK high
Tcmphld
3-
ns
Parameter
Symbol
Min
Max
Unit
CMPCLK Period
Tcmpclk
4*DCLK + 10
ns
DATA[7:0] setup before CMPCLK high
Tcmpsu
10
ns
DATA[7:0] hold after CMPCLK high
Tcmphld
10
ns
CM P CL K
Tcm psu
Tcm pclk
CM PDAT
Tcm phld
Figure 10. Serial Compressed Data Timing
CM P C L K
Tcm psu
Tcm pclk
D A T A [7:0 ]
Tcm phld
Figure 11. Parallel Data Timing (when not in a parallel control mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com