Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49326 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS49326
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49326 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS49326 Datasheet HTML 15Page - Cirrus Logic CS49326 Datasheet HTML 16Page - Cirrus Logic CS49326 Datasheet HTML 17Page - Cirrus Logic CS49326 Datasheet HTML 18Page - Cirrus Logic CS49326 Datasheet HTML 19Page - Cirrus Logic CS49326 Datasheet HTML 20Page - Cirrus Logic CS49326 Datasheet HTML 21Page - Cirrus Logic CS49326 Datasheet HTML 22Page - Cirrus Logic CS49326 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 86 page
background image
CS49300 Family DSP
DS339PP4
19
1.14. Switching Characteristics — Digital Audio Output
(TA = 25 °C; VA, VD[3:1] = 2.5 V ±5%; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 20 pF)
Notes: 1. MCLK can be an input or an output. These specifications apply for both cases.
2. Master mode timing specifications are characterized, not production tested.
3. Master mode is defined as the CS493XX driving both SCLK and LRCLK. When MCLK is an input, it is
divided to produce SCLK and LRCLK.
4. This timing parameter is defined from the non-active edge of SCLK. The active edge of SCLK is the
point at which the data is valid.
5. Slave mode is defined as SCLK and LRCLK being driven by an external source.
6. This specification is characterized, not production tested.
Parameter
Symbol
Min
Max
Unit
MCLK period
(Note 1)
Tmclk
40
-
ns
MCLK duty cycle
(Note 1)
40
60
%
SCLK period for Master or Slave mode
(Note 2)
Tsclk
40
-
ns
SCLK duty cycle for Master or Slave mode
(Note 2)
45
55
%
Master Mode
(Note 2, 3)
SCLK delay from MCLK rising edge, MCLK as an input
Tsdmi
15
ns
SCLK delay from MCLK rising edge, MCLK as an output
Tsdmo
–5
10
ns
LRCLK delay from SCLK transition
(Note 4)
Tlrds
10
ns
AUDATA2–0 delay from SCLK transition
(Note 4)
Tadsm
10
ns
Slave Mode
(Note 5)
Time from active edge of SCLKN1(2) to LRCLKN1(2) transition
Tstlr
10
-
ns
Time from LRCLKN1(2) transition to SCLKN1(2) active edge
Tlrts
10
-
ns
AUDATA2–0 delay from SCLK transition
(Note 4, 6)
Tadss
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com