Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49326 Datasheet(PDF) 73 Page - Cirrus Logic

Part # CS49326
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49326 Datasheet(HTML) 73 Page - Cirrus Logic

Back Button CS49326 Datasheet HTML 69Page - Cirrus Logic CS49326 Datasheet HTML 70Page - Cirrus Logic CS49326 Datasheet HTML 71Page - Cirrus Logic CS49326 Datasheet HTML 72Page - Cirrus Logic CS49326 Datasheet HTML 73Page - Cirrus Logic CS49326 Datasheet HTML 74Page - Cirrus Logic CS49326 Datasheet HTML 75Page - Cirrus Logic CS49326 Datasheet HTML 76Page - Cirrus Logic CS49326 Datasheet HTML 77Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 86 page
background image
CS49300 Family DSP
DS339PP4
73
C - SCLK Polarity
D - FIFO Setup (only valid for parallel modes of
data delivery)
The following tables show the different values for
each parameter as well as the hex message that
needs to be sent. When creating the hardware
configuration message, only one hex message
should be sent per parameter. It should be noted
that the entire B parameter hex message must be
sent, even if one of the input ports has been defined
as unused by the A parameter.
A Value
Data Type
Hex
Message
0
(default)
DAI - PCM
CDI - Compressed
0x800210
0x3FBFC0
0x800110
0x80002C
1
DAI - PCM and Compressed
CDI - Unused
0x800210
0x3FBFC0
0x800110
0xC0002C
2
DAI - Unused
CDI - PCM
0x800210
0x3FBFC0
0x800110
0x800020
3DAI - PCM
CDI - Bursty Compressed (for
Broadcast-based Application
Codes Only)
0x800210
0x003FC0
0x800110
0x0E002C
4
DAI - Multichannel PCM
(for Post-Processing Codes that can
accept 2, 4 or 6 channels on one line)
CDI - PCM
0x800210
0x3FBFC0
0x800110
0x80002C
5DAI - PCM
CDI - Multichannel PCM
(for Post-Processing Codes that can
accept 2, 4 or 6 channels on one line)
0x800210
0x3FBFC0
0x800110
0x800025
6
DAI - PCM
CDI - Not Used
Parallel Port - Compressed
(FIFO B)
(for Broadcast-based application codes
only)
0x800210
0x003FC0
0x800110
0x0E002B
Table 18. Input Data Type Configuration
(Input Parameter A)
7DAI - Not Used
CDI - PCM
Parallel Port - Compressed
(FIFO B)
(for Broadcast-based application codes
only)
0x800210
0x003FC0
0x800110
0x0E0023
8
DAI - Not Used
CDI - Not Used
Parallel Port - PCM (FIFO C)
and Compressed (FIFO B) with
Intel or Motorola Parallel Host
Control
(for Broadcast-based application codes
only)
0x800210
0x003FC0
0x800110
0x0E0013
9DAI - Not Used
CDI - Not Used
Parallel Port - Compressed
(FIFO B) with I2C or SPI
Serial Control
0x800210
0x003FC0
0x800110
0x0E0002
0x800118
0x000800
10
DAI - Not Used
CDI - Not Used
Parallel Port - PCM (FIFO C)
with I2C or SPI Serial Control
0x800210
0x003FC0
0x800110
0x0E0010
0x800118
0x000800
B Value
Data Format
Hex
Message
0
(default)
PCM - I2S 24-bit
Compressed - I2S 16-bit
(Compressed meaning any type of
compressed data such as IEC61937-
packed AC-3, DTS, MPEG
Multichannel, AAC or MP3 elementary
stream data from a DVD or IEC60958-
packed elementary stream DTS data
from a DTS-CD)
0x800217
0x8080FF
0x80021A
0x8080FF
0x800117
0x011100
0x80011A
0x011900
Table 19. Input Data Format Configuration
(Input Parameter B)
A Value
Data Type
Hex
Message
Table 18. Input Data Type Configuration
(Input Parameter A) (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com