Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49326 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS49326
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49326 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS49326 Datasheet HTML 39Page - Cirrus Logic CS49326 Datasheet HTML 40Page - Cirrus Logic CS49326 Datasheet HTML 41Page - Cirrus Logic CS49326 Datasheet HTML 42Page - Cirrus Logic CS49326 Datasheet HTML 43Page - Cirrus Logic CS49326 Datasheet HTML 44Page - Cirrus Logic CS49326 Datasheet HTML 45Page - Cirrus Logic CS49326 Datasheet HTML 46Page - Cirrus Logic CS49326 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 86 page
background image
CS49300 Family DSP
DS339PP4
43
When the host is downloading code to the
CS493XX or configuring the application code,
control messages will be written to (and read from)
the Host Message register. The Host Control
register is used during messaging sessions to
determine when the CS493XX can accept another
byte of control data, and when the CS493XX has an
outgoing byte that may be read.
The PCM Data and Compressed Data registers are
used strictly for the transfer of audio data. The host
cannot read from these two registers. Audio data
written to registers 11b and 10b are transferred
directly to the internal FIFOs of the CS493XX.
When the level of the PCM FIFO reaches the FIFO
threshold level, the MFC bit of the Host Control
register will be set. When the level of the
Compressed Data FIFO reaches the FIFO threshold
level, the MFB bit of the Host Control register will
be set.
It is important to remember that the parallel host
interface requires the DATA[7:0] pins of the
CS493XX. The external memory interface also
requires the DATA[7:0] pins so the Parallel host
control modes can only be used if external memory
is not required.
A detailed description for each parallel host mode
will now be given. The following information will
be provided for the Intel mode and Motorola mode:
•
The pins of the CS493XX which must be used
for proper communication
•
Flow diagram and description for a parallel
byte write
•
Flow diagram and description for a parallel
byte read
The four registers of the CS493XX’s parallel host
mode are not used identically. The algorithm used
for communicating with each register will be given
as a functional description, building upon the basic
read and write protocols defined in the Motorola
and Intel sections. The following will be covered:
•
Flow diagram and description for a control
write
•
Flow diagram and description for a control read
6.2.1. Intel Parallel Host Communication
Mode
The Intel parallel host communication mode is
implemented using the pins given in Table 6.
The INTREQ pin is controlled by the application
code when a parallel host communication mode has
been selected. When the code supports INTREQ
notification, the INTREQ pin is asserted whenever
the DSP has an outgoing message for the host. This
same information is reflected by the HOUTRDY
bit of the Host Control Register (A[1:0] = 01b).
INTREQ is useful for informing the host of
unsolicited messages. An unsolicited message is
defined as a message generated by the DSP without
an associated host read request. Unsolicited
messages can be used to notify the host of
conditions such as a change in the incoming audio
data type (e.g. PCM --> AC-3).
Mnemonic
Pin Name
Pin Number
Chip Select
CS
18
Write Enable
WR
4
Output Enable
RD
5
Register Address Bit 1
A1
6
Register Address Bit 0
A0
7
Interrupt Request
INTREQ
19
DATA7
DATA7
8
DATA6
DATA6
9
DATA5
DATA5
10
DATA4
DATA4
11
DATA3
DATA3
14
DATA2
DATA2
15
DATA1
DATA1
16
DATA0
DATA0
17
Table 6. Intel Mode Communication Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com