Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49326 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS49326
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49326 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS49326 Datasheet HTML 21Page - Cirrus Logic CS49326 Datasheet HTML 22Page - Cirrus Logic CS49326 Datasheet HTML 23Page - Cirrus Logic CS49326 Datasheet HTML 24Page - Cirrus Logic CS49326 Datasheet HTML 25Page - Cirrus Logic CS49326 Datasheet HTML 26Page - Cirrus Logic CS49326 Datasheet HTML 27Page - Cirrus Logic CS49326 Datasheet HTML 28Page - Cirrus Logic CS49326 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 86 page
background image
CS49300 Family DSP
DS339PP4
25
name corresponding to their particular use.
Sometimes GPIO[11:0], or some subset thereof, is
used when referring to the pins in a general sense.
3.2. Termination Requirements
The CS493XX incorporates open drain pins which
must be pulled high for proper operation. INTREQ
(pin 20) is always an open drain pin which requires
a pull-up for proper operation. When in the I2C
serial communication mode, the SCDIO signal (pin
19) is open drain and thus requires a pull-up for
proper operation.
Due to the internal, multiplexed design of the pins,
certain signals may or may not require termination
depending on the mode being used. If a parallel
host communication mode is not being used,
GPIO[11:0] must be terminated or driven as these
pins will come up as high impedance inputs and
will be prone to oscillation if they are left floating.
The specific termination requirements may vary
since the state of some of the GPIO pins will
determine the communication mode at the rising
edge of reset (please see Section 6, “Control” on
page 32 for more information). For the explicit
termination requirements of each communication
mode please see the typical connection diagrams.
Generally a 4.7k Ohm resistor is recommended for
open drain pins. The communication mode setting
pins (please see Section 6, “Control” on page 32 for
more information) should also be terminated with a
4.7k resistor. A 10k Ohm resistor is sufficient for
the GPIO pins and unused inputs.
3.3. Phase Locked Loop Filter
The internal phase locked loop (PLL) of the
CS493XX requires an external filter for successful
operation. The topology of this filter is shown in
the typical connection diagrams. The component
values are shown below. Care should be taken
when laying out the filter circuitry to minimize
trace lengths and to avoid any close routing of high
frequency signals. Any noise coupled on to the
filter circuit will be directly coupled into the PLL,
which could affect performance.
4.
POWER
The CS493XX requires a 2.5V digital power
supply for the digital logic within the DSP and a
2.5V analog power supply for the internal PLL.
There are three digital power pins, VD1, VD2 and
VD3, along with three digital grounds, DGND1,
DGND2 and DGND3. There is one analog power
pin, VA and one analog ground, AGND. The DSP
will perform at its best when noise has been
eliminated
from
the
power
supply.
The
recommendations given below for decoupling and
power conditioning of the CS493XX will help to
ensure reliable performance.
4.1. Decoupling
It is good practice to decouple noise from the
power supply by placing capacitors directly
between the power and ground of the CS493XX.
Each
pair
of
power
pins
(VD1/DGND,
VD2/DGND, VD3/DGND, VA/AGND) should
have
its
own
decoupling
capacitors.
The
recommended procedure is to place both a 0.1uF
and a 1uF capacitor as close as physically possible
to each power pin. The 0.1uF capacitor should be
closest to the part (typically 5mm or closer).
4.2. Analog Power Conditioning
In order to obtain the best performance from the
CS493XX’s internal PLL, the analog power supply
(VA) must be as clean as possible. A ferrite bead
should be used to filter the 2.5V power supply for
the analog portion of the CS493XX. This power
Reference Designator
Value
C1
2.2uF
C2
220pF
C3
10nF
R1
200k Ohm
Table 1. PLL Filter Component Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com