Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49326 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS49326
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49326 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS49326 Datasheet HTML 41Page - Cirrus Logic CS49326 Datasheet HTML 42Page - Cirrus Logic CS49326 Datasheet HTML 43Page - Cirrus Logic CS49326 Datasheet HTML 44Page - Cirrus Logic CS49326 Datasheet HTML 45Page - Cirrus Logic CS49326 Datasheet HTML 46Page - Cirrus Logic CS49326 Datasheet HTML 47Page - Cirrus Logic CS49326 Datasheet HTML 48Page - Cirrus Logic CS49326 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 86 page
background image
CS49300 Family DSP
DS339PP4
45
4) The host should now terminate the read cycle
by driving the CS and RD pins high.
6.2.2. Motorola Parallel Host
Communication Mode
The Motorola parallel host communication mode is
implemented using the pins given in Table 7. The
INTREQ pin is controlled by the application code
when a parallel host communication mode has been
selected. When the code supports INTREQ
notification, the INTREQ pin is asserted whenever
the DSP has an outgoing message for the host. This
same information is reflected by the HOUTRDY
bit of the Host Control Register (A[1:0] = 01b).
INTREQ is useful for informing the host of
unsolicited messages. An unsolicited message is
defined as a message generated by the DSP without
an associated host read request. Unsolicited
messages can be used to notify the host of
conditions such as a change in the incoming audio
data type (e.g. PCM --> AC-3)
6.2.2.1.Writing a Byte in Motorola Mode
Information provided in this section is intended as
a functional description of how to write control
information to the CS493XX. The system designer
must insure that all of the timing constraints of the
Motorola Parallel Host Mode Write Cycle are met.
The flow diagram shown in Figure 26 illustrates
the sequence of events that define a one-byte write
in Motorola mode. The protocol presented in
Figure 26 will now be described in detail.
1) The host must drive the A1 and A0 register
address pins of the CS493XX with the address
of the address of the desired Parallel I/O
Register.
Host Message:
A[1:0]==00b.
Host Control:
A[1:0]==01b.
PCMDATA:
A[1:0]==10b.
CMPDATA:
A[1:0]==11b.
The host indicates that this is a write cycle by
driving the R/W pin low.
2) The host initiates a write cycle by driving the
CS and DS pins low.
3) The host drives the data byte to the DATA[7:0]
pins of the CS493XX.
4) Once the setup time for the write has been met,
Mnemonic
Pin Name
Pin Number
Chip Select
CS
18
Data Strobe
DS
4
Read or Write Select
R/W
5
Register Address Bit 1
A1
6
Register Address Bit 0
A0
7
Interrupt Request
INTREQ
19
DATA7
DATA7
8
DATA6
DATA6
9
DATA5
DATA5
10
DATA4
DATA4
11
DATA3
DATA3
14
DATA2
DATA2
15
DATA1
DATA1
16
DATA0
DATA0
17
Table 7. Motorola Mode Communication Signals
Figure 26. Motorola Mode, One-Byte Write Flow
Diagram
R/W (LOW)
CS (L O W )
WRITE BYTE TO
CS (HIGH)
DS (LO W )
ADDRESS A PARALLEL I/O REGISTER
DATA [7:0]
DS (HIGH)
(A[1:0] SET APPROPRIATELY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com