Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49326 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS49326
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49326 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS49326 Datasheet HTML 10Page - Cirrus Logic CS49326 Datasheet HTML 11Page - Cirrus Logic CS49326 Datasheet HTML 12Page - Cirrus Logic CS49326 Datasheet HTML 13Page - Cirrus Logic CS49326 Datasheet HTML 14Page - Cirrus Logic CS49326 Datasheet HTML 15Page - Cirrus Logic CS49326 Datasheet HTML 16Page - Cirrus Logic CS49326 Datasheet HTML 17Page - Cirrus Logic CS49326 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 86 page
background image
CS49300 Family DSP
14
DS339PP4
1.10.
Switching Characteristics — I2C® Control Port
(TA = 25 °C; VA, VD[3:1] = 2.5 V ±5%; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 20 pF)
Notes:. 1. The specification fscl indicates the maximum speed of the hardware. The system designer should be
aware that the actual maximum speed of the communication port may be limited by the software. The
relevant application code user’s manual should be consulted for the software speed limitations.
2. Data must be held for sufficient time to bridge the 300-ns transition time of SCCLK. This hold time is by
design and not tested.
3. This rise time is
shorter than that recommended by the I2C specifications. For more information, see
Section 6.1, “Serial Communication” on page 33.
4. INTREQ goes high only if there is no data to be read from the DSP at the rising edge of SCCLK for the
last data bit of the last byte of data during a read operation as shown.
5. If INTREQ goes high as indicated in Note 8, then INTREQ is guaranteed to remain high until the next
rising edge of SCCLK. If there is more data to be read at this time, INTREQ goes active low again. Treat
this condition as a new read transaction. Send a new start condition followed by the 7-bit address and
the R/W bit (set to 1 for a read). This time is by design and is not tested.
6. With a 4.7k Ohm pull-up resistor this value is typically 215ns. As this pin is open drain adjusting the pull
up value will affect the rise time.
7. This time is by design and not tested.
Parameter
Symbol
Min
Max
Units
SCCLK clock frequency
(Note 1)
fscl
400
kHz
Bus free time between transmissions
tbuf
4.7
µs
Start-condition hold time (prior to first clock pulse)
thdst
4.0
µs
Clock low time
tlow
1.2
µs
Clock high time
thigh
1.0
µs
SCDIO setup time to SCCLK rising
tsud
250
ns
SCDIO hold time from SCCLK falling
(Note 2)
thdd
0
µs
Rise time of SCCLK
(Note 3), (Note 7)
tr
50
ns
Fall time of SCCLK
(Note 7)
tf
300
ns
Time from SCCLK falling to CS493XX ACK
tsca
40
ns
Time from SCCLK falling to SCDIO valid during read operation
tscsdv
40
ns
Time from SCCLK rising to INTREQ rising
(Note 4)
tscrh
200
ns
Hold time for INTREQ from SCCLK rising
(Note 5)
tscrl
0ns
Rise time for INTREQ
(Note 6)
trr
**
ns
Setup time for stop condition
tsusp
4.7
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com