Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49326 Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS49326
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49326 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS49326 Datasheet HTML 47Page - Cirrus Logic CS49326 Datasheet HTML 48Page - Cirrus Logic CS49326 Datasheet HTML 49Page - Cirrus Logic CS49326 Datasheet HTML 50Page - Cirrus Logic CS49326 Datasheet HTML 51Page - Cirrus Logic CS49326 Datasheet HTML 52Page - Cirrus Logic CS49326 Datasheet HTML 53Page - Cirrus Logic CS49326 Datasheet HTML 54Page - Cirrus Logic CS49326 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 86 page
background image
CS49300 Family DSP
DS339PP4
51
32K X 8
ROM/RAM
ADDR[14:8]
ADDR[7:0]
8 BIT
'574
DFF
DQ
8 BIT
'574
DFF
DQ
EMAD[7:0]
DATA[7:0]
OE
EMOE
EXTMEM
CS
EMWR
Only one of R1 and R2 shou ld be stuffed.
Only one of R3 and R4 shou ld be stuffed.
T h e state of EMOE and EMWR at the
rising edge of RESET will determine the
serial mode that the part comes up in
while using exter nal memory. Please see
section 2, Serial Communication for
more d etails.
ADDR[7:0]
ADDR[14:8]
8
3.3V
3.3V
3.3V
3.3V
R1
R3
R2
R4
WE (RAM Only)
CS493XX
Figure 30. External Memory Interface
EXTMEM
EMOE
EMWR
EMAD7:0
MA15:8
MA7:0
Data7:0
MA 23:16
Figure 31. External Memory Read (16-bit address)
EXTMEM
EMOE
EMWR
EMAD7:0
MA15:8
MA7:0
Data7:0
MA 23:16
Figure 32. External Memory Write (16-bit address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com