Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49326 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS49326
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49326 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS49326 Datasheet HTML 49Page - Cirrus Logic CS49326 Datasheet HTML 50Page - Cirrus Logic CS49326 Datasheet HTML 51Page - Cirrus Logic CS49326 Datasheet HTML 52Page - Cirrus Logic CS49326 Datasheet HTML 53Page - Cirrus Logic CS49326 Datasheet HTML 54Page - Cirrus Logic CS49326 Datasheet HTML 55Page - Cirrus Logic CS49326 Datasheet HTML 56Page - Cirrus Logic CS49326 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 86 page
background image
CS49300 Family DSP
DS339PP4
53
Figure 33. Typical Serial Boot and Download Procedure
Notes: 1. RESET must be held LOW for
trstl.
2. It should be noted that mode
pins are used to configure the
CS493XX serial communication
mode. These mode pins are
latched internally on the rising
edge of reset. The pins can be
set dynamically by a
microprocessor or can be
statically pulled HIGH or LOW.
If these pins are driven
dynamically, setup and hold
times must be satisfied as
stated in the
CS493XX Data
Sheet. More information about
the function of the mode pins
can be found in the CS493XX
Data Sheet and in Section 6,
“Control” on page 32.
3. Time-out values reflect worst
case response time for the
CS493XX. The values shown
may be used for the host’s time-
out control loop.
4. 5 ms is typical but this time is
application code specific and
may be as high as 10 ms. Wait
times should be verified by the
designer.
5. Hardware configuration
messages are covered in
Section 6, “Control” on page 32.
Application configuration
messages are covered in each
application code user’s manual.
INTREQ LOW?
N
Y
WRITE_*(DOWNLOAD_
RESET(LOW) (NOTE 1)
RESET(HIGH) (NOTE 2)
WAIT
500
µs
BOOT, MSG_SIZE)
TIMEOUT AFTER
20MS (NOTE 3)
READ_*(MESSAGE)
MESSAGE ==
N
Y
BOOTSTART?
INTREQ LOW?
N
Y
WRITE_*(.LD FILE,
TIMEOUT AFTER
20MS (NOTE 3)
DOWNLOAD FILE SIZE)
READ_*(MESSAGE)
MESSAGE ==
N
Y
EXIT(ERROR)
BOOT_SUCCESS?
WRITE_*(BOOT_
SUCCESS_RECEIVED,
MSG-SIZE)
WAIT 5 MS (NOTE 4)
DOWNLOAD COMPLETE
WRITE_*(SW_CONFIG_MSG,
SW_MSG_SIZE)
(NOTE 5)
WRITE_*(KICKSTART,
MSG_SIZE)
(NOTE 5)
WRITE_*(HW_CONFIG_MSG,
HW_MSG_SIZE)
(NOTE 5)
EXIT(ERROR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com