Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6277HRZ Datasheet(PDF) 30 Page - Intersil Corporation

Part # ISL6277HRZ
Description  Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6277HRZ Datasheet(HTML) 30 Page - Intersil Corporation

Back Button ISL6277HRZ Datasheet HTML 26Page - Intersil Corporation ISL6277HRZ Datasheet HTML 27Page - Intersil Corporation ISL6277HRZ Datasheet HTML 28Page - Intersil Corporation ISL6277HRZ Datasheet HTML 29Page - Intersil Corporation ISL6277HRZ Datasheet HTML 30Page - Intersil Corporation ISL6277HRZ Datasheet HTML 31Page - Intersil Corporation ISL6277HRZ Datasheet HTML 32Page - Intersil Corporation ISL6277HRZ Datasheet HTML 33Page - Intersil Corporation ISL6277HRZ Datasheet HTML 34Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
ISL6277
30
FN8270.1
March 8, 2012
Resistor Current-Sensing Network
Figure 28 shows the resistor current-sensing network for a
3-phase solution. Each inductor has a series current sensing
resistor, Rsen. Rsum and Ro are connected to the Rsen pads to
accurately capture the inductor current information. The Rsum
and Ro resistors are connected to capacitor Cn. Rsum and Cn
form a filter for noise attenuation. Equations 23 thru 25 give the
VCn(s) expression.
Transfer function ARsen(s) always has unity gain at DC.
Current-sensing resistor Rsen value does not have significant
variation over-temperature, so there is no need for the NTC
network.
The recommended values are Rsum = 1kΩ and Cn = 5600pF.
Overcurrent Protection
Refer to Equation 1 on page 17 and Figures 22, 26 and 28;
resistor Ri sets the droop current, Idroop. Tables 1 and 2 show the
internal OCP threshold. It is recommended to design Idroop
without using the Rcomp resistor.
For example, the OCP threshold is 1.5V on the IMON pin. This
translates to 45μA of ISUM current or 56.25μA of droop current.
Idroop is designed to be 45μA at full load, so the OCP trip level is
1.25x of the full load current.
For inductor DCR sensing, Equation 26 gives the DC relationship
of Vcn(s) and Io(s):
Substitution of Equation 26 into Equation 1 gives Equation 27:
Therefore:
Substitution of Equation 18 and application of the OCP condition
in Equation 28 gives Equation 29:
where Iomax is the full load current and Idroopmax is the
corresponding droop current. For example, given N = 3,
Rsum = 3.65kΩ, Rp = 11kΩ, Rntcs = 2.61kΩ, Rntc = 10kΩ,
DCR = 0.9mΩ, Iomax = 65A and Idroopmax = 45μA. Equation 29
gives Ri = 359Ω.
For resistor sensing, Equation 30 gives the DC relationship of
Vcn(s) and Io(s).
Substitution of Equation 30 into Equation 1 gives Equation 31:
Therefore:
Substitution of Equation 32 and application of the OCP condition
in Equation 28 gives Equation 33:
where Iomax is the full load current and Idroopmax is the
corresponding droop current. For example, given N = 3,
Rsen =1mΩ, Iomax = 65A and Idroopmax = 45µA, Equation 33
gives Ri = 481Ω.
FIGURE 28. RESISTOR CURRENT-SENSING NETWORK
CN
RSUM
RO
DCR
L
DCR
L
RSUM
RO
PHASE2 PHASE3
IO
DCR
L
PHASE1
RO
RSUM
RI
ISUM+
ISUM-
VCN
RSEN
RSEN
RSEN
+
-
V
Cn s

R
sen
N
-------------
I
o s

A
Rsen
s

=
(EQ. 23)
A
Rsen s

1
1
s
sns
-------------
+
-----------------------
=
(EQ. 24)
Rsen
1
R
sum
N
---------------
C
n
-----------------------------
=
(EQ. 25)
V
Cn
R
ntcnet
R
ntcnet
R
sum
N
---------------
+
------------------------------------------
DCR
N
-------------





I
o
=
(EQ. 26)
I
droop
1
R
i
-----
R
ntcnet
R
ntcnet
R
sum
N
---------------
+
------------------------------------------
DCR
N
-------------
I
o
=
(EQ. 27)
R
i
R
ntcnet
DCR
I
o
NR
ntcnet
R
sum
N
---------------
+


I
droop
----------------------------------------------------------------------------------
=
(EQ. 28)
R
i
R
ntcs
R
ntc
+
 R
p
R
ntcs
R
ntc
R
p
++
----------------------------------------------------
DCR
I
omax
N
R
ntcs
R
ntc
+
 R
p
R
ntcs
R
ntc
R
p
++
----------------------------------------------------
R
sum
N
---------------
+



I
droopmax
-----------------------------------------------------------------------------------------------------------------------------
=
(EQ. 29)
V
Cn
R
sen
N
-------------
I
o
=
(EQ. 30)
I
droop
1
R
i
-----
R
sen
N
-------------
I
o
=
(EQ. 31)
R
i
R
sen
I
o
NI
droop
---------------------------
=
(EQ. 32)
R
i
R
sen
I
omax
NI
droopmax
--------------------------------------
=
(EQ. 33)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com