Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6277HRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6277HRZ
Description  Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6277HRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6277HRZ Datasheet HTML 4Page - Intersil Corporation ISL6277HRZ Datasheet HTML 5Page - Intersil Corporation ISL6277HRZ Datasheet HTML 6Page - Intersil Corporation ISL6277HRZ Datasheet HTML 7Page - Intersil Corporation ISL6277HRZ Datasheet HTML 8Page - Intersil Corporation ISL6277HRZ Datasheet HTML 9Page - Intersil Corporation ISL6277HRZ Datasheet HTML 10Page - Intersil Corporation ISL6277HRZ Datasheet HTML 11Page - Intersil Corporation ISL6277HRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
ISL6277
8
FN8270.1
March 8, 2012
15
ISEN1
Individual current sensing for Channel 1 of the Core VR. If ISEN2 is tied to +5V, this pin cannot be left
open and must be tied to GND with a 10kΩ resistor. If ISEN1 is tied to +5V, the Core portion of the IC is
shut down.
16
ISUMP
Non-inverting input of the transconductance amplifier for current monitor and load line of Core output.
17
ISUMN
Inverting input of the transconductance amplifier for current monitor and load line of Core output.
18
VSEN
Output voltage sense pin for the Core controller. Connect to the +sense pin of the microprocessor die.
19
RTN
Output voltage sense return pin for both Core VR and Northbridge VR. Connect to the -sense pin of the
microprocessor die.
20
FB2
There is a switch between the FB2 pin and the FB pin. The switch is on in 2-phase or 3-phase mode and
is off in 1-phase mode. The components connecting to FB2 are used to adjust the compensation in
1-phase mode of the Core VR to achieve optimum performance.
21
FB
Output voltage feedback to the inverting input of the Core controller error amplifier.
22
COMP
Core controller error amplifier output. A resistor from COMP to GND sets the Core VR offset voltage.
23
PGOOD
Open-drain output to indicate the Core portion of the IC is ready to supply regulated voltage. Pull up
externally to VDD or 3.3V through a resistor.
24
BOOT1
Connect an MLCC capacitor across the BOOT1 and the PHASE1 pins. The boot capacitor is charged,
through an internal boot diode connected from the VDDP pin to the BOOT1 pin, each time the PHASE1
pin drops below VDDP minus the voltage dropped across the internal boot diode.
25
UGATE1
Output of the Phase 1 high-side MOSFET gate driver of the Core VR. Connect the UGATE1 pin to the gate
of the Phase 1 high-side MOSFET(s).
26
PHASE1
Current return path for the Phase 1 high-side MOSFET gate driver of VR1. Connect the PHASE1 pin to the
node consisting of the high-side MOSFET source, the low-side MOSFET drain, and the output inductor of
Phase 1.
27
LGATE1
Output of the Phase 1 low-side MOSFET gate driver of the Core VR. Connect the LGATE1 pin to the gate
of the Phase 1 low-side MOSFET(s).
28
PWM_Y
Floating PWM output used for either Channel 3 of the Core VR or Channel 1 of the Northbridge VR
depending on the FCCM_NB resistor connected between FCCM_NB and GND.
29
VDD
5V bias power. A resistor [2Ω] and a decoupling capacitor should be used from the +5V supply. A high
quality, X7R dielectric MLCC capacitor is recommended.
30
VDDP
Input voltage bias for the internal gate drivers. Connect +5V to the VDDP pin. Decouple with at least 1µF
of capacitance to GND. A high quality, X7R dielectric MLCC capacitor is recommended.
31
LGATE2
Output of the Phase 2 low-side MOSFET gate driver of the Core VR. Connect the LGATE2 pin to the gate
of the Phase 2 low-side MOSFET(s).
32
PHASE2
Current return path for the Phase 2 high-side MOSFET gate driver of the Core VR. Connect the PHASE2
pin to the node consisting of the high-side MOSFET source, the low-side MOSFET drain, and the output
inductor of Phase 2.
33
UGATE2
Output of the Phase 2 high-side MOSFET gate driver of the Core VR. Connect the UGATE2 pin to the gate
of the Phase 2 high-side MOSFET(s).
34
BOOT2
Connect an MLCC capacitor across the BOOT2 and PHASE2 pins. The boot capacitor is charged, through
an internal boot diode connected from the VDDP pin to the BOOT2 pin, each time the PHASE2 pin drops
below VDDP minus the voltage dropped across the internal boot diode.
35
VIN
Battery supply voltage, used for feed-forward.
36
BOOTX
Boot connection of the programmable internal driver used for either Channel 3 of the Core VR or
Channel 1 of the Northbridge VR based on the configuration state selected by the FCCM_NB resistor.
Connect an MLCC capacitor across the BOOT1X and the PHASEX pins. The boot capacitor is charged,
through an internal boot diode connected from the VDDP pin to the BOOTX pin, each time the PHASEX
pin drops below VDDP minus the voltage dropped across the internal boot diode.
Pin Descriptions (Continued)
PIN NUMBER
SYMBOL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com