Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6277HRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6277HRZ
Description  Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6277HRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6277HRZ Datasheet HTML 5Page - Intersil Corporation ISL6277HRZ Datasheet HTML 6Page - Intersil Corporation ISL6277HRZ Datasheet HTML 7Page - Intersil Corporation ISL6277HRZ Datasheet HTML 8Page - Intersil Corporation ISL6277HRZ Datasheet HTML 9Page - Intersil Corporation ISL6277HRZ Datasheet HTML 10Page - Intersil Corporation ISL6277HRZ Datasheet HTML 11Page - Intersil Corporation ISL6277HRZ Datasheet HTML 12Page - Intersil Corporation ISL6277HRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
ISL6277
9
FN8270.1
March 8, 2012
37
UGATEX
High-side MOSFET gate driver portion of the programmable internal driver used for either Channel 3 of
the Core VR or Channel 1 of the Northbridge VR based on the configuration state selected by the
FCCM_NB resistor. Connect the UGATEX pin to the gate of the high-side MOSFET(s) for either Phase 3 of
the Core VR or Phase 1 of the Northbridge VR based on the configuration state selected.
38
PHASEX
Phase connection of the programmable internal driver used for either Channel 3 of the Core VR or
Channel 1 of the Northbridge VR based on the configuration state selected by the FCCM_NB resistor.
Current return path for the high-side MOSFET gate driver of the floating internal driver. Connect the
PHASEX pin to the node consisting of the high-side MOSFET source, the low-side MOSFET drain, and the
output inductor of either Phase 3 of the Core VR or Phase 1 of the Northbridge VR based on the
configuration state selected.
39
LGATEX
Low-side MOSFET gate driver portion of floating internal driver used for either Channel 3 of the Core VR
or Channel 1 of the Northbridge VR based on the configuration state selected by the FCCM_NB resistor.
Connect the LGATEX pin to the gate of the low-side MOSFET(s) for either Phase 3 of the Core VR or Phase
1 of the Northbridge VR based on the configuration state selected.
40
PWM2_NB
PWM output for Channel 2 of the Northbridge VR. Disabled when ISEN2_NB is tied to +5V.
41
FCCM_NB
Diode emulation control signal for Intersil MOSFET Drivers. When FCCM_NB is LOW, diode emulation at
the driver this pin connects to is allowed. A resistor from FCCM_NB pin to GND configures the PWM_Y
and floating internal gate driver [BOOTX, UGATEX, PHASEX, LGATEX pins] to support Phase 3 of the Core
VR and Phase 1 of the Northbridge VR. The FCCM_NB resistor value also is used to set the slew rate for
the Core VR and Northbridge VR.
42
PGOOD_NB
Open-drain output to indicate the Northbridge portion of the IC is ready to supply regulated voltage.
Pull-up externally to VDDP or 3.3V through a resistor.
43
COMP_NB
Northbridge VR error amplifier output. A resistor from COMP_NB to GND sets the Northbridge VR offset
voltage and is used to set the switching frequency for the Core VR and Northbridge VR.
44
FB_NB
Output voltage feedback to the inverting input of the Northbridge controller error amplifier.
45
VSEN_NB
Output voltage sense pin for the Northbridge controller. Connect to the +sense pin of the microprocessor
die.
46
ISUMN_NB
Inverting input of the transconductance amplifier for current monitor and load line of the Northbridge VR.
47
ISUMP_NB
Non-inverting input of the transconductance amplifier for current monitor and load line of the
Northbridge VR.
48
ISEN1_NB
Individual current sensing for Channel 1 of the Northbridge VR. If ISEN2_NB is tied to +5V, this pin cannot
be left open and must be tied to GND with a 10kΩ resistor. If ISEN1_NB is tied to +5V, the Northbridge
portion of the IC is shutdown.
GND (Bottom Pad)
Signal common of the IC. Unless otherwise stated, signals are referenced to the GND pin.
Pin Descriptions (Continued)
PIN NUMBER
SYMBOL
DESCRIPTION
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL6277HRZ
ISL6277 HRZ
-10 to +100
48 Ld 6x6 QFN
L48.6x6B
ISL6277IRZ
ISL6277 IRZ
-40 to +85
48 Ld 6x6 QFN
L48.6x6B
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL6277. For more information on MSL please see tech brief TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com