Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6277HRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6277HRZ
Description  Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6277HRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6277HRZ Datasheet HTML 1Page - Intersil Corporation ISL6277HRZ Datasheet HTML 2Page - Intersil Corporation ISL6277HRZ Datasheet HTML 3Page - Intersil Corporation ISL6277HRZ Datasheet HTML 4Page - Intersil Corporation ISL6277HRZ Datasheet HTML 5Page - Intersil Corporation ISL6277HRZ Datasheet HTML 6Page - Intersil Corporation ISL6277HRZ Datasheet HTML 7Page - Intersil Corporation ISL6277HRZ Datasheet HTML 8Page - Intersil Corporation ISL6277HRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
ISL6277
4
FN8270.1
March 8, 2012
Simplified Application Circuit for Mid-Power CPUs [2+1 Configuration]
FIGURE 5. TYPICAL APPLICATION CIRCUIT USING RESISTOR SENSING
BOOTX
UGATEX
PHASEX
LGATEX
BOOT2
UGATE2
PHASE2
LGATE2
BOOT1
UGATE1
PHASE1
LGATE1
PWM2_NB
ISL6277
ISUMP
ISUMN
VN1
VN2
FB_NB
COMP_NB
VSEN_NB
VNB_SENSE
ISEN1
ISEN2
ISEN3
VP1
VP2
VCORE
VP2
VN2
VIN
VIN
VNB
PWM_Y
NBN
NBP
NTC_NB
IMON
IMON_NB
PWROK
SVT
SVD
µP
SVC
VDDIO
NTC
VR_HOT_L
Thermal Indicator
FCCM_NB
VCORE_SENSE
FB
COMP
VSEN
RTN
FB2
VIN
+5V
+5V
ISEN1_NB
ISEN2_NB
ISUMP_NB
ISUMN_NB
NBP
NBN
10kΩ*
OPEN
NTC
NTC
* Resistor required or ISEN1_NB
will pull HIGH if left open and
disable Channel 1.
OPEN
OPEN
OPEN
OPEN
VP1
VN1
Cn
Cn
Ri
Ri



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com