Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6277HRZ Datasheet(PDF) 24 Page - Intersil Corporation

Part # ISL6277HRZ
Description  Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6277HRZ Datasheet(HTML) 24 Page - Intersil Corporation

Back Button ISL6277HRZ Datasheet HTML 20Page - Intersil Corporation ISL6277HRZ Datasheet HTML 21Page - Intersil Corporation ISL6277HRZ Datasheet HTML 22Page - Intersil Corporation ISL6277HRZ Datasheet HTML 23Page - Intersil Corporation ISL6277HRZ Datasheet HTML 24Page - Intersil Corporation ISL6277HRZ Datasheet HTML 25Page - Intersil Corporation ISL6277HRZ Datasheet HTML 26Page - Intersil Corporation ISL6277HRZ Datasheet HTML 27Page - Intersil Corporation ISL6277HRZ Datasheet HTML 28Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
ISL6277
24
FN8270.1
March 8, 2012
1000_1000
0.70000
1010_1000
0.50000*
1100_1000
0.30000*
1110_1000
0.10000*
1000_1001
0.69375
1010_1001
0.49375*
1100_1001
0.29375*
1110_1001
0.09375*
1000_1010
0.68750
1010_1010
0.48750*
1100_1010
0.28750*
1110_1010
0.08750*
1000_1011
0.68125
1010_1011
0.48125*
1100_1011
0.28125*
1110_1011
0.08125*
1000_1100
0.67500
1010_1100
0.47500*
1100_1100
0.27500*
1110_1100
0.07500*
1000_1101
0.66875
1010_1101
0.46875*
1100_1101
0.26875*
1110_1101
0.06875*
1000_1110
0.66250
1010_1110
0.46250*
1100_1110
0.26250*
1110_1110
0.06250*
1000_1111
0.65625
1010_1111
0.45625*
1100_1111
0.25625*
1110_1111
0.05625*
1001_0000
0.65000
1011_0000
0.45000*
1101_0000
0.25000*
1111_0000
0.05000*
1001_0001
0.64375
1011_0001
0.44375*
1101_0001
0.24375*
1111_0001
0.04375*
1001_0010
0.63750
1011_0010
0.43750*
1101_0010
0.23750*
1111_0010
0.03750*
1001_0011
0.63125
1011_0011
0.43125*
1101_0011
0.23125*
1111_0011
0.03125*
1001_0100
0.62500
1011_0100
0.42500*
1101_0100
0.22500*
1111_0100
0.02500*
1001_0101
0.61875
1011_0101
0.41875*
1101_0101
0.21875*
1111_0101
0.01875*
1001_0110
0.61250
1011_0110
0.41250*
1101_0110
0.21250*
1111_0110
0.01250*
1001_0111
0.60625
1011_0111
0.40625*
1101_0111*
0.20625*
1111_0111
0.00625*
1001_1000
0.60000*
1011_1000
0.40000*
1101_1000
0.20000*
1111_1000
OFF*
1001_1001
0.59375*
1011_1001
0.39375*
1101_1001
0.19375*
1111_1001
OFF*
1001_1010
0.58750*
1011_1010
0.38750*
1101_1010
0.18750*
1111_1010
OFF*
1001_1011
0.58125*
1011_1011
0.38125*
1101_1011
0.18125*
1111_1011
OFF*
1001_1100
0.57500*
1011_1100
0.37500*
1101_1100
0.17500*
1111_1100
OFF*
1001_1101
0.56875*
1011_1101
0.36875*
1101_1101
0.16875*
1111_1101
OFF*
1001_1110
0.56250*
1011_1110
0.36250*
1101_1110
0.16250*
1111_1110
OFF*
1001_1111
0.55625*
1011_1111
0.35625*
1101_1111
0.15625*
1111_1111
OFF*
NOTE:
*Indicates a VID not required for AMD Family 10h processors. Loosened AMD requirements at these levels.
TABLE 7. SERIAL VID CODES (Continued)
SVID[7:0]
VOLTAGE (V)
SVID[6:0]
VOLTAGE (V)
SVID[6:0]
VOLTAGE (V)
SVID[6:0]
VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com