Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6277HRZ Datasheet(PDF) 21 Page - Intersil Corporation

Part # ISL6277HRZ
Description  Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6277HRZ Datasheet(HTML) 21 Page - Intersil Corporation

Back Button ISL6277HRZ Datasheet HTML 17Page - Intersil Corporation ISL6277HRZ Datasheet HTML 18Page - Intersil Corporation ISL6277HRZ Datasheet HTML 19Page - Intersil Corporation ISL6277HRZ Datasheet HTML 20Page - Intersil Corporation ISL6277HRZ Datasheet HTML 21Page - Intersil Corporation ISL6277HRZ Datasheet HTML 22Page - Intersil Corporation ISL6277HRZ Datasheet HTML 23Page - Intersil Corporation ISL6277HRZ Datasheet HTML 24Page - Intersil Corporation ISL6277HRZ Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
ISL6277
21
FN8270.1
March 8, 2012
Floating DriverX & PWM_Y Configuration
The ISL6277 allows for one internal driver and one PWM output
to be configured to opposite VRs depending on the desired
configuration of the Northbridge VR. Internal DriverX can be used
as Channel 1 of the Northbridge VR with PWM_Y used for
Channel 3 of the Core VR. Using this partitioning, a 2+1 or 1+1
configured ISL6277 would not require an external driver.
If routing of the driver signals would be a cause of concern due to
having an internal driver on the Northbridge VR, then the
ISL6277 can be configured to use PWM_Y as Channel 1 on the
Northbridge VR. DriverX would then be used as Channel 3 of the
Core VR. This allows the placement of the external drivers for the
Northbridge VR to be closer to the output stage(s) depending on
the number of active Phases, providing placement and layout
flexibility to the Northbridge VR.
VID-on-the-Fly Slew Rate Selection
The FCCM_NB resistor is also used to select the slew rate for VID
changes commanded by the processor. Once selected, the slew
rate is locked in during soft-start and is not adjustable during
operation. The lowest slew rate which can be selected is
10mV/µs which is above the minimum of 7.5mV/µs required by
the SVI2 specification. The slew rate selected sets the slew rate
for both Core and Northbridge VRs; they cannot be independently
selected.
CCM Switching Frequency
The Core and Northbridge VR switching frequency is set by the
programming resistors on COMP_NB and FCCM_NC. When the
ISL6277 is in continuous conduction mode (CCM), the switching
frequency is not absolutely constant due to the nature of the R3™
modulator. As explained in “Multiphase R3™ Modulator” on
page 14, the effective switching frequency increases during load
insertion and decreases during load release to achieve fast
response. Thus, the switching frequency is relatively constant at
steady state. Variation is expected when the power stage
condition, such as input voltage, output voltage, load, etc.
changes. The variation is usually less than 10% and does not
have any significant effect on output voltage ripple magnitude.
Table 5 defines the switching frequency based on the resistor
values used to program the COMP_NB and FCCM_NB pins. Use
the previous tables related to COMP_NB and FCCM_NB to
determine the correct resistor value in these ranges to program
the desired output offset, Slew Rate and DriverX/PWM_Y
configuration.
The controller monitors SVI commands to determine when to
enter power-saving mode, implement dynamic VID changes, and
shut down individual outputs.
AMD Serial VID Interface 2.0
The on-board Serial VID Interface 2.0 (SVI 2) circuitry allows the
AMD processor to directly control the Core and Northbridge
voltage reference levels within the ISL6277. Once the PWROK
signal goes high, the IC begins monitoring the SVC and SVD pins
for instructions. The ISL6277 uses a digital-to-analog converter
(DAC) to generate a reference voltage based on the decoded SVI
value. See Figure 12 for a simple SVI interface timing diagram.
Pre-PWROK Metal VID
Typical motherboard start-up begins with the controller decoding
the SVC and SVD inputs to determine the pre-PWROK Metal VID
setting (see Table 6). Once the ENABLE input exceeds the rising
threshold, the ISL6277 decodes and locks the decoded value into
an on-board hold register.
TABLE 4. FCCM_NB RESISTOR SELECTION
RESISTOR VALUE
[kΩ]
SLEW RATE FOR CORE
AND NORTHBRIDGE
[mV/µs]
DriverX
PWM_Y
5.62
20
Core VR
Channel 3
NB VR
Channel 1
9.53
15
13.3
12.5
16.9
10
21.0
20
26.7
15
34.0
12.5
41.2
10
57.6
20
NB VR
Channel 1
Core VR
Channel 3
73.2
15
95.3
12.5
121
10
154
20
182
15
221
12.5
OPEN
10
TABLE 5. SWITCHING FREQUENCY SELECTION
FREQUENCY
[kHz]
COMP_NB
RANGE [kΩ]
FCCM_NB
RANGE [kΩ]
300
57.6 to OPEN
21.0 to 41.2
or
154 to OPEN
350
5.62 to 41.2
21.0 to 41.2
or
154 to OPEN
400
57.6 to OPEN
5.62 to 16.9
or
57.6 to 121
450
5.62 to 41.2
5.62 to 16.9
or
57.6 to 121
TABLE 6. PRE-PWROK METAL VID CODES
SVC
SVD
OUTPUT VOLTAGE (V)
00
1.1
01
1.0
10
0.9
11
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com