Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6277HRZ Datasheet(PDF) 31 Page - Intersil Corporation

Part # ISL6277HRZ
Description  Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6277HRZ Datasheet(HTML) 31 Page - Intersil Corporation

Back Button ISL6277HRZ Datasheet HTML 27Page - Intersil Corporation ISL6277HRZ Datasheet HTML 28Page - Intersil Corporation ISL6277HRZ Datasheet HTML 29Page - Intersil Corporation ISL6277HRZ Datasheet HTML 30Page - Intersil Corporation ISL6277HRZ Datasheet HTML 31Page - Intersil Corporation ISL6277HRZ Datasheet HTML 32Page - Intersil Corporation ISL6277HRZ Datasheet HTML 33Page - Intersil Corporation ISL6277HRZ Datasheet HTML 34Page - Intersil Corporation ISL6277HRZ Datasheet HTML 35Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
ISL6277
31
FN8270.1
March 8, 2012
Load Line Slope
See Figure 14 for load-line implementation.
For inductor DCR sensing, substitution of Equation 27 into
Equation 2 gives the load-line slope expression:
For resistor sensing, substitution of Equation 31 into Equation 2
gives the load line slope expression:
Substitution of Equation 28 and rewriting Equation 34, or
substitution of Equation 32 and rewriting Equation 35, gives the
same result as in Equation 36:
One can use the full-load condition to calculate Rdroop. For
example, given Iomax = 65A, Idroopmax = 45µA and LL = 2.1mΩ,
Equation 36 gives Rdroop = 3.03kΩ.
It is recommended to start with the Rdroop value calculated by
Equation 36 and fine-tune it on the actual board to get accurate
load-line slope. One should record the output voltage readings at
no load and at full load for load-line slope calculation. Reading
the output voltage at lighter load instead of full load will increase
the measurement error.
Compensator
Figure 23 shows the desired load transient response waveforms.
Figure 29 shows the equivalent circuit of a voltage regulator (VR)
with the droop function. A VR is equivalent to a voltage source
(= VID) and output impedance Zout(s). If Zout(s) is equal to the
load-line slope LL, i.e., a constant output impedance, then in the
entire frequency range, Vo will have a square response when Io
has a square change.
Intersil provides a Microsoft Excel-based spreadsheet to help
design the compensator and the current sensing network so that
VR achieves constant output impedance as a stable system.
A VR with active droop function is a dual-loop system consisting of
a voltage loop and a droop loop, which is a current loop. However,
neither loop alone is sufficient to describe the entire system. The
spreadsheet shows two loop gain transfer functions, T1(s) and
T2(s), that describe the entire system. Figure 30 conceptually
shows T1(s) measurement set-up, and Figure 31 conceptually
shows T2(s) measurement set-up. The VR senses the inductor
current, multiplies it by a gain of the load-line slope, adds it on top
of the sensed output voltage, and then feeds it to the
compensator. T1 is measured after the summing node, and T2 is
measured in the voltage loop before the summing node. The
spreadsheet gives both T1(s) and T2(s) plots. However, only T2(s)
can actually be measured on an ISL6277 regulator.
T1(s) is the total loop gain of the voltage loop and the droop loop.
It always has a higher crossover frequency than T2(s), therefore
has a higher impact on system stability.
T2(s) is the voltage loop gain with closed droop loop, thus having
a higher impact on output voltage response.
Design the compensator to get stable T1(s) and T2(s) with sufficient
phase margin and an output impedance equal to or smaller than
the load-line slope.
Current Balancing
Refer to Figures 15 through 22 for information on current
balancing. The ISL6277 achieves current balancing through
matching the ISEN pin voltages. Risen and Cisen form filters to
LL
V
droop
I
o
-------------------
R
droop
R
i
-------------------
R
ntcnet
R
ntcnet
R
sum
N
---------------
+
------------------------------------------
DCR
N
-------------
==
(EQ. 34)
LL
V
droop
I
o
-------------------
R
sen
R
droop
NR
i
---------------------------------------
==
(EQ. 35)
R
droop
I
o
I
droop
----------------
LL
=
(EQ. 36)
FIGURE 29. VOLTAGE REGULATOR EQUIVALENT CIRCUIT
o
i
V
o
VID
Zout(s) = LL
LOAD
VR
FIGURE 30. LOOP GAIN T1(s) MEASUREMENT SET-UP
Q2
Q1
L
iO
COUT
VO
VIN
GATE
DRIVER
COMP
MOD.
LOAD LINE SLOPE
EA
VID
CHANNEL B
CHANNEL A
EXCITATION OUTPUT
ISOLATION
TRANSFORMER
20
LOOP GAIN =
CHANNEL B
CHANNEL A
NETWORK
ANALYZER
+
+
+
-
FIGURE 31. LOOP GAIN T2(s) MEASUREMENT SET-UP
Q2
Q1
L
IO
CO
VO
VIN
GATE
DRIVER
COMP
MOD.
LOADLINESLOPE
EA
VID
CHANNEL B
CHANNEL A
EXCITATION OUTPUT
ISOLATION
TRANSFORMER
20
LOOP GAIN =
CHANNEL B
CHANNEL A
NETWORK
ANALYZER
+
+
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com