Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6277HRZ Datasheet(PDF) 34 Page - Intersil Corporation

Part # ISL6277HRZ
Description  Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6277HRZ Datasheet(HTML) 34 Page - Intersil Corporation

Back Button ISL6277HRZ Datasheet HTML 29Page - Intersil Corporation ISL6277HRZ Datasheet HTML 30Page - Intersil Corporation ISL6277HRZ Datasheet HTML 31Page - Intersil Corporation ISL6277HRZ Datasheet HTML 32Page - Intersil Corporation ISL6277HRZ Datasheet HTML 33Page - Intersil Corporation ISL6277HRZ Datasheet HTML 34Page - Intersil Corporation ISL6277HRZ Datasheet HTML 35Page - Intersil Corporation ISL6277HRZ Datasheet HTML 36Page - Intersil Corporation ISL6277HRZ Datasheet HTML 37Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
ISL6277
34
FN8270.1
March 8, 2012
13
ISEN3
Each ISEN pin has a capacitor (Cisen) decoupling it to VSUMN and then through another capacitor (Cvsumn) to
GND. Place Cisen capacitors as close as possible to the controller and keep the following loops small:
1. Any ISEN pin to another ISEN pin
2. Any ISEN pin to GND
The red traces in the following drawing show the loops to be minimized.
14
ISEN2
15
ISEN1
16
ISUMP
Place the current sensing circuit in general proximity of the controller.
Place capacitor Cn very close to the controller.
Place the NTC thermistor next to Core VR Channel 1 inductor so it senses the inductor temperature correctly.
Each phase of the power stage sends a pair of VSUMP and VSUMN signals to the controller. Run these two
signals traces in parallel fashion with decent width (>20mil).
IMPORTANT: Sense the inductor current by routing the sensing circuit to the inductor pads. If possible, route the
traces on a different layer from the inductor pad layer and use vias to connect the traces to the center of the
pads. If no via is allowed on the pad, consider routing the traces into the pads from the inside of the inductor.
The following drawings show the two preferred ways of routing current sensing traces.
17
ISUMN
18
VSEN
Place the filter on these pins in close proximity to the controller for good coupling.
19
RTN
20
FB2
Place the compensation components in general proximity of the controller.
21
FB
22
COMP
23
PGOOD
No special consideration.
24
BOOT1
Use a wide trace width (>30mil). Avoid routing any sensitive analog signal traces close to or crossing over this
trace.
25
UGATE1
These two signals should be routed together in parallel. Each trace should have sufficient width (>30mil). Avoid
routing these signals near sensitive analog signal traces or crossing over them. Routing PHASE1 to the Core VR
Channel 1 high-side MOSFET source pin instead of a general connection to PHASE1 copper is recommended for
better performance.
26
PHASE1
TABLE 14. LAYOUT CONSIDERATIONS FOR THE ISL6277 CONTROLLER (Continued)
ISL6277 PIN
SYMBOL
LAYOUT GUIDELINES
Vo
ISEN3
L3
Risen
ISEN2
ISEN1
L2
L1
Risen
Risen
Phase1
Phase2
Phase3
Ro
Ro
Ro
GND
Cisen
Cisen
Cisen
Cvsumn
Vsumn
INDUCTOR
CURRENT-SENSING TRACES
VIAS
INDUCTOR
CURRENT-SENSING TRACES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com