Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6277HRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6277HRZ
Description  Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6277HRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6277HRZ Datasheet HTML 3Page - Intersil Corporation ISL6277HRZ Datasheet HTML 4Page - Intersil Corporation ISL6277HRZ Datasheet HTML 5Page - Intersil Corporation ISL6277HRZ Datasheet HTML 6Page - Intersil Corporation ISL6277HRZ Datasheet HTML 7Page - Intersil Corporation ISL6277HRZ Datasheet HTML 8Page - Intersil Corporation ISL6277HRZ Datasheet HTML 9Page - Intersil Corporation ISL6277HRZ Datasheet HTML 10Page - Intersil Corporation ISL6277HRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
ISL6277
7
FN8270.1
March 8, 2012
Pin Configuration
ISL6277
(48 LD QFN)
TOP VIEW
1
48
GND PAD
(BOTTOM)
2
3
ISEN2_NB
4
IMON_NB
5
6
SVC
7
PWROK
8
SVD
9
VDDIO
10
SVT
11
VR_HOT_L
12
IMON
47 46 45 44 43 42 41 40
NTC_NB
39 38 37
BOOTX
36
VIN
35
34 BOOT2
33 UGATE2
32 PHASE2
31 LGATE2
30 VDDP
29 VDD
28 PWM_Y
27 LGATE1
26 PHASE1
25 UGATE1
NTC
ENABLE
Pin Descriptions
PIN NUMBER
SYMBOL
DESCRIPTION
1
ISEN2_NB
Individual current sensing for Channel 2 of the Northbridge VR. When ISEN2_NB is pulled to +5V, the
controller will disable Channel 2 and the Northbridge VR will run single-phase.
2
NTC_NB
Thermistor input to VR_HOT_L circuit to monitor Northbridge VR temperature.
3
IMON_NB
Northbridge output current monitor. A current proportional to the Northbridge VR output current is
sourced from this pin.
4SVC
Serial VID clock input from the CPU processor master device.
5
VR_HOT_L
Thermal indicator signal to AMD CPU. Thermal overload open drain output indicator active LOW.
6
SVD
Serial VID data bi-directional signal from the CPU processor master device to the VR.
7
VDDIO
VDDIO is the processor memory interface power rail and this pin serves as the reference to the controller
IC for this processor I/O signal level.
8
SVT
Serial VID Telemetry (SVT) data line input to the CPU from the controller IC. Telemetry and VID-on-the-fly
complete signal provided from this pin.
9
ENABLE
Enable input. A high level logic on this pin enables both VRs.
10
PWROK
System power good input. When this pin is high, the SVI 2 interface is active and the I2C protocol is
running. While this pin is low, the SVC and SVD input states determine the pre-PWROK metal VID. This
pin must be low prior to the ISL6277 PGOOD output going high per the AMD SVI 2.0 Controller Guidelines.
11
IMON
Core output current monitor. A current proportional to the Core VR output current is sourced from this pin.
12
NTC
Thermistor input to VR_HOT_L circuit to monitor Core VR temperature.
13
ISEN3
ISEN3 is the individual current sensing for Channel 3. When ISEN3 is pulled to +5V, the controller disables
Channel 3, and the Core VR runs in two-phase mode.
14
ISEN2
Individual current sensing for Channel 2 of the Core VR. When ISEN2 is pulled to +5V, the controller
disables Channel 2, and the Core VR runs in single-phase mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com