Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6277HRZ Datasheet(PDF) 32 Page - Intersil Corporation

Part # ISL6277HRZ
Description  Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6277HRZ Datasheet(HTML) 32 Page - Intersil Corporation

Back Button ISL6277HRZ Datasheet HTML 28Page - Intersil Corporation ISL6277HRZ Datasheet HTML 29Page - Intersil Corporation ISL6277HRZ Datasheet HTML 30Page - Intersil Corporation ISL6277HRZ Datasheet HTML 31Page - Intersil Corporation ISL6277HRZ Datasheet HTML 32Page - Intersil Corporation ISL6277HRZ Datasheet HTML 33Page - Intersil Corporation ISL6277HRZ Datasheet HTML 34Page - Intersil Corporation ISL6277HRZ Datasheet HTML 35Page - Intersil Corporation ISL6277HRZ Datasheet HTML 36Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
ISL6277
32
FN8270.1
March 8, 2012
remove the switching ripple of the phase node voltages. It is
recommended to use a rather long RisenCisen time constant such
that the ISEN voltages have minimal ripple and represent the DC
current flowing through the inductors. Recommended values are
Rs = 10kΩ and Cs =0.22µF.
Thermal Monitor Component Selection
The ISL6277 features two pins, NTC and NTC_NB, which are used
to monitor motherboard temperature and alert the AMD CPU if a
thermal issues arises. The basic function of this circuitry is
outlined in the Thermal Monitor section. Figure 32 shows the
basic configuration of the NTC resistor, RNTC, and offset resistor,
RS, used to generate the warning and shutdown voltages at the
NTC pin.
As the board temperature rises, the NTC thermistor resistance
decreases and the voltage at the NTC pin drops. When the
voltage on the NTC pin drops below the thermal warning
threshold of 0.640V, then VR_HOT_L is pulled low. When the
AMD CPU detects VR_HOT_L has gone low, it will begin throttling
back load current on both outputs to reduce the board
temperature.
If the board temperature continues to rise, the NTC thermistor
resistance will drop further and the voltage at the NTC pin could
drop below the thermal shutdown threshold of 0.580V. Once this
threshold is reached, the ISL6277 shuts down both Core and
Northbridge VRs indicating a thermal fault has occurred prior to
the thermal fault counter triggering a fault.
Selection of the NTC thermistor can vary depending on how the
resistor network is configured. The equivalent resistance at the
typical thermal warning threshold voltage of 0.64V is defined in
Equation 37.
The equivalent resistance at the typical thermal shutdown
threshold voltage of 0.58V required to shutdown both outputs is
defined in Equation 38.
The NTC thermistor value correlates to the resistance change
between the warning and shutdown thresholds and the required
temperature change. If the warning level is designed to occur at a
board temperature of +100°C and the thermal shutdown level at
a board temperature of +105°C, then the resistance change of
the thermistor can be calculated. For example, a Panasonic NTC
thermistor with B = 4700 has a resistance ratio of 0.03939 of its
nominal value at +100°C and 0.03308 of its nominal value at
+105°C. Taking the required resistance change between the
thermal warning threshold and the shutdown threshold and
dividing it by the change in resistance ratio of the NTC thermistor
at the two temperatures of interest, the required resistance of
the NTC is defined in Equation 39.
The closest standard thermistor to the value calculated with
B = 4700 is 330kΩ. The NTC thermistor part number is
ERTJ0EV334J. The actual resistance change of this standard
thermistor value between the warning threshold and the
shutdown threshold is calculated in Equation 40.
Since the NTC thermistor resistance at +105°C is less than the
required resistance from Equation 38, additional resistance in
series with the thermistor is required to make up the difference.
A standard resistor, 1% tolerance, added in series with the
thermistor will increase the voltage seen at the NTC pin. The
additional resistance required is calculated in Equation 41.
The closest, standard 1% tolerance resistor is 8.45kΩ.
The NTC thermistor is placed in a hot spot on the board, typically
near the upper MOSFET of Channel 1 of the respective output.
The standard resistor is placed next to the controller.
Layout Guidelines
PCB Layout Considerations
POWER AND SIGNAL LAYERS PLACEMENT ON THE PCB
As a general rule, power layers should be close together, either
on the top or bottom of the board, with the weak analog or logic
signal layers on the opposite side of the board. The ground-plane
layer should be adjacent to the signal layer to provide shielding.
COMPONENT PLACEMENT
There are two sets of critical components in a DC/DC converter;
the power components and the small signal components. The
power components are the most critical because they switch
large amount of energy. The small signal components connect to
sensitive nodes or supply critical bypassing current and signal
coupling.
The power components should be placed first and these include
MOSFETs, input and output capacitors, and the inductor. It is
important to have a symmetrical layout for each power train,
preferably with the controller located equidistant from each
NTC
RNTC
30µA
INTERNAL TO
ISL6277
FIGURE 32. THERMAL MONITOR FEATURE OF THE ISL6277
Rs
MONITOR
R
+V
Warning
640mV
Shutdown
580mV
VR_HOT_L
330k
8.45k
0.64V
30
A
----------------
21.3k
=
(EQ. 37)
0.58V
30
A
----------------
19.3k
=
(EQ. 38)
21.3k
 19.3k
–

0.03939
0.03308
–

------------------------------------------------------
317k
=
(EQ. 39)
330k
 0.03939

330k
 0.03308

–
2.082k
=
(EQ. 40)
19.3k
 10.916k
–
8.384k
=
(EQ. 41)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com