Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P458AP Datasheet(PDF) 19 Page - ELAN Microelectronics Corp

Part # EM78P458AP
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458AP Datasheet(HTML) 19 Page - ELAN Microelectronics Corp

Back Button EM78P458AP Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 23Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
EM78P458/459
OTP ROM
• Bit 6 (PWM1E): PWM1 enable bit
0 = PWM1 is off (default value), and its related pin carries out the P51 function;
1 = PWM1 is on, and its related pin will be set to output automatically.
• Bit 5 (T2EN): TMR2 enable bit
0 = TMR2 is off (default value).
1 = TMR2 is on.
• Bit 4 (T1EN): TMR1 enable bit
0 = TMR1 is off (default value).
1 = TMR1 is on.
• Bit 3: Bit 2 ( T2P1:T2P0 ): TMR2 clock prescale option bits.
T2P1
T2P0
Prescale
0
0
1:2(Default)
0
1
1:8
1
0
1:32
1
1
1:64
• Bit 1 : Bit 0 ( T1P1:T1P0 ): TMR1 clock prescale option bits.
T1P1
T1P0
Prescale
0
0
1:2(Default)
0
1
1:8
1
0
1:32
1
1
1:64
12. IOC61 ( DT1L: the Least Significant Byte ( Bit 7 ~ Bit 0) of Duty Cycle of
PWM1 )
A specified value keeps the output of PWM1 to stay at high until the value matches with TMR1.
13. IOC71 ( DT1H: the Most Significant Byte ( Bit 1 ~ Bit 0 ) of Duty Cycle of
PWM1 )
7
6
5
4
3
2
1
0
CALI1
SIGN1
VOF1[2]
VOF1[1]
VOF1[0]
-
PWM1[9]
PWM1[8]
• Bit 7 (CALI1): Calibration enable bit
0 = Calibration disable;
1 = Calibration enable.
• Bit 6 (SIGN1): Polarity bit of offset voltage
0 = Negative voltage;
1 = Positive voltage.
• Bit 5:Bit 3 (VOF1[2]:VOF1[0]): Offset voltage bits.
• Bit 1:Bit 0 (PWM1[9]:PWM1[8]): The Most Significant Byte of PWM1 Duty Cycle
A specified value keeps the PWM1 output to stay at high until the value matches with TMR1.
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com