Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P458AP Datasheet(PDF) 35 Page - ELAN Microelectronics Corp

Part # EM78P458AP
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458AP Datasheet(HTML) 35 Page - ELAN Microelectronics Corp

Back Button EM78P458AP Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 39Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
EM78P458/459
OTP ROM
(a) Select A/D input channel ( ADAS2:ADAS0 );
(b) Select the proper gains by writing to the GCON register ( optional );
(c) Define A/D conversion clock rate ( CKR1:CKR0 );
(d) Set the ADPD bit to 1 to begin sampling.
(3) Put “ENI” instruction, if the interrupt function is employed.
(4) Set the ADRUN bit to 1.
(5) Wait for either the interrupt flag to be set or the ADC interrupt to occur.
(6) Read ADDATA, the conversion data register.
(7) Clear the interrupt flag bit (ADIF).
(8) For next conversion, go to Step 1 or Step 2 as required. At least 2 Tct is required before next
acquisition starts.
<Note>: To obtain an accurate value, it is necessary to avoid any data transition on I/O pins during
AD conversion.
2. The Demonstration Programs
; To define the general registers
R_0 == 0
; Indirect addressing register
PSW == 3
; Status register
PORT5 == 5
PORT6 == 6
R_F== 0XF
; Interrupt status register
; To define the control register
IOC50 == 0X5
; Control Register of Port 5
IOC60 == 0X6
; Control Register of Port 6
C_INT== 0XF
; Interrupt Control Register
;ADC Control Registers
ADDATA == 0xA
; The contents are the results of ADC
ADCON R== 0x9
; 7
6
5
4
3
2
1
0
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com