Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P458AP Datasheet(PDF) 60 Page - ELAN Microelectronics Corp

Part # EM78P458AP
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458AP Datasheet(HTML) 60 Page - ELAN Microelectronics Corp

Back Button EM78P458AP Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 60Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 64Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 76 page
background image
EM78P458/459
OTP ROM
Vih/Vil (Input pins with schmitt inverter)
0
0.5
1
1.5
2
2.5
2.5
3
3.5
4
4.5
5
5.5
Vdd(Volt)
Vih max(0℃ to 70℃ )
Vih typ 25℃
Vih min(0℃ to 70℃)
Vil max(0℃ to 70℃ )
Vil typ 25℃
Vil min(0℃ to 70℃)
Fig. 27 Vih, Vil of P53,P55~P57,P60~P67 Vs VDD
Voh/Ioh (VDD=5V)
-30
-25
-20
-15
-10
-5
0
012345
Voh(Volt)
Voh/Ioh (VDD=3V)
-12
-10
-8
-6
-4
-2
0
00.5
11.5
22.5
3
Voh(Volt)
Min 70 ℃
Min 70 ℃
Typ 25 ℃
Typ 25 ℃
Max 0 ℃
Max 0 ℃
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com