Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P458AP Datasheet(PDF) 20 Page - ELAN Microelectronics Corp

Part # EM78P458AP
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458AP Datasheet(HTML) 20 Page - ELAN Microelectronics Corp

Back Button EM78P458AP Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 24Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
EM78P458/459
OTP ROM
14. IOC81 ( PRD1: Period of PWM1 ):
The content of IOC81 is a period (time base) of PWM1. The frequency of PWM1 is the reverse of the
period.
15. IOC91 ( DT2L: the Least Significant Byte ( Bit 7 ~ Bit 0 ) of Duty Cycle of
PWM2 )
A specified value keeps the of PWM1 output to stay at high until the value matches with TMR2.
16. IOCA1 ( DT2H: the Most Significant Byte ( Bit 1 ~ Bit 0 ) of Duty Cycle of
PWM2 )
7
6
5
4
3
2
1
0
CALI2
SIGN2
VOF2[2]
VOF2[1]
VOF2[0]
-
PWM2[9]
PWM2[8]
• Bit 7 (CALI2): Calibration enable bit
0 = Calibration disable;
1 = Calibration enable.
• Bit 6 (SIGN2): Polarity bit of offset voltage
0 = Negative voltage;
1 = Positive voltage.
• Bit 5:Bit 3 (VOF2[2]:VOF2[0]): Offset voltage bits
• Bit 1:Bit 0 (PWM2[9]:PWM2[8]): The Most Significant Byte of PWM1 Duty Cycle
A specified value keeps the PWM2 output to stay at high until the value matches with TMR2.
17. IOCB1 ( PRD2: Period of PWM2 )
The content of IOCB1 is a period (time base) of PWM2. The frequency of PWM2 is the reverse of the
period.
18. IOCC1 ( DL1L: the Least Significant Byte ( Bit 7 ~ Bit 0 ) of Duty Cycle Latch of
PWM1 )
The content of IOCC1 is read-only.
19. IOCD1 ( DL1H: the Most Significant Byte ( Bit 1 ~ Bit 0 ) of Duty Cycle Latch of
PWM1 )
The content of IOCD1 is read-only.
20. IOCE1 ( DL2L: the Least Significant Byte ( Bit 7 ~ Bit 0) of Duty Cycle Latch of
PWM2 )
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com