Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P458AP Datasheet(PDF) 40 Page - ELAN Microelectronics Corp

Part # EM78P458AP
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458AP Datasheet(HTML) 40 Page - ELAN Microelectronics Corp

Back Button EM78P458AP Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 44Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
EM78P458/459
OTP ROM
4.9 Timer
1. Overview
Timer1 (TMR1) and Timer2 (TMR2) (TMRX) are 10-bit clock counters with programmable prescalers,
respectively. They are designed for the PWM module as baud rate clock generators. TMRX can be
read, written, and cleared at any reset conditions.
2. Function description
Fig. 15 shows TMRX block diagram. Each signal and block are described as follows:
Data Bus
Data Bus
PRD1
Comparator
TMR1X
MUX
Period
Match
T1P0
T1P1 T1EN
PRD2
Comparator
TMR2X
MUX
Period
Match
T2P0 T2P1 T2EN
To PWM1IF
To PWM2IF
reset
reset
1:2
1:8
1:32
Fosc
1:64
1:2
1:8
1:32
Fosc
1:64
*TMR1X = TMR1H + TMR1L;
*TMR2X = TMR2H +TMR2L
Fig. 15 TMRX Block Diagram
Fosc
: Input clock.
Prescaler ( T1P0 and T1P1/T2P1 and T2P0 )
: Options of 1:2, 1:8, 1:32, and 1:64 are defined by
TMRX. It is cleared when any type of reset occurs.
TMR1X and TMR2X (TMR1H/TWR1L and TMR2H/TMR2L )
:
Timer
X
register;
TMRX
is
increased until it matches with PRDX, and then is reset to 0. TMRX cannot be read.
PRDX ( PRD1 and PRD2 ):
PWM period register.
ComparatorX ( Comparator 1 and Comparator 2 ):
To reset TMRX while a match occurs and the
TMRXIF flag is set at the same time.
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com