Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P458AP Datasheet(PDF) 30 Page - ELAN Microelectronics Corp

Part # EM78P458AP
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458AP Datasheet(HTML) 30 Page - ELAN Microelectronics Corp

Back Button EM78P458AP Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 34Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
EM78P458/459
OTP ROM
4.6 Interrupt
The EM78P458/459 has six interrupts as listed below:
(1) TCC overflow interrupt
(2) Port 6 Input Status Change Interrupt
(3) External interrupt [(P50, /INT) pin].
(4) Analog to Digital conversion completed.
(5) When TMR1/TMR2 matches with PRD1/PRD2 respectively in PWM.
(6) When the comparators output change.
Before the Port 6 Input Status Change Interrupt is enabled, reading Port 6 (e.g. "MOV R6,R6") is
necessary. Each Port 6 pin will have this feature if its status changes. Any pin configured as output or
P50 pin configured as /INT, is excluded from this function. Port 6 Input Status Change Interrupt will
wake up the EM78P458/459 from the sleep mode if it is enabled prior to going into the sleep mode by
executing SLEP. When the controller is wake-up, it will continue to execute the succeeding program if
the global interrupt is disabled, or branches out to the interrupt vector 008H if the global interrupt is
enabled.
RF, the interrupt status register that records the interrupt requests in the relative flags/bits. IOCF0 is
an interrupt mask register. The global interrupt is enabled by the ENI instruction and is disabled by the
DISI instruction. When one of the interrupts (when enabled) occurs, the next instruction will be
fetched from address 008H. Once in the interrupt service routine, the source of an interrupt can be
determined by polling the flag bits in RF. The interrupt flag bit must be cleared by instructions before
leaving the interrupt service routine to avoid recursive interrupts.
The flag (except ICIF bit) in the Interrupt Status Register (RF) is set regardless of the status of its
mask bit or the execution of ENI. Note that the outcome of RF will be the logic AND of RF and IOCF0
(refer to Fig. 11). The RETI instruction ends the interrupt routine and enables the global interrupt (the
execution of ENI).
When an interrupt is generated by the INT instruction (when enabled), the next instruction will be
fetched from address 001H.
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com