Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P458AP Datasheet(PDF) 18 Page - ELAN Microelectronics Corp

Part # EM78P458AP
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458AP Datasheet(HTML) 18 Page - ELAN Microelectronics Corp

Back Button EM78P458AP Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 22Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
EM78P458/459
OTP ROM
10. IOCF0 (Interrupt Mask Register)
7
6
5
4
3
2
1
0
-
CMPIE
PWM2IE
PWM1IE
ADIE
EXIE
ICIE
TCIE
• Bit 7: Unimplemented, read as ‘0’.
Individual interrupt is enabled by setting its associated control bit in the IOCF0 to "1".
Global interrupt is enabled by the ENI instruction and is disabled by the DISI instruction. Refer to Fig.
11.
• Bit 6 (CMPIE) CMPIF interrupt enable bit.
0: disable CMPIF interrupt
1: enable CMPIF interrupt
• Bit 5 (PWM2IE) PWM2IF interrupt enable bit.
0: disable PWM2 interrupt
1: enable PWM2 interrupt
• Bit 4 (PWM1IE) PWM1IF interrupt enable bit.
0: disable PWM1 interrupt
1: enable PWM1 interrupt
• Bit 3 (ADIE) ADIF interrupt enable bit.
0: disable ADIF interrupt
1: enable ADIF interrupt
• Bit 2 (EXIE) EXIF interrupt enable bit.
0: disable EXIF interrupt
1: enable EXIF interrupt
• Bit 1 (ICIE) ICIF interrupt enable bit.
0: disable ICIF interrupt
1: enable ICIF interrupt
• Bit 0 (TCIE) TCIF interrupt enable bit.
0: disable TCIF interrupt
1: enable TCIF interrupt
IOCF0 register is both readable and writable.
11. IOC51 ( PWMCON ):
7
6
5
4
3
2
1
0
PWM2E
PWM1E
T2EN
T1EN
T2P1
T2P0
T1P1
T1P0
• Bit 7 (PWM2E): PWM2 enable bit
0 = PWM2 is off (default value), and its related pin carries out the P52 function.
1 = PWM2 is on, and its related pin will be set to output automatically.
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com