Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P458AP Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78P458AP
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458AP Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78P458AP Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
EM78P458/459
OTP ROM
7
6
5
4
3
2
1
0
-
CMPIF
PWM2IF
PWM1IF
ADIF
EXIF
ICIF
TCIF
“1” means interrupt request, and “0” means no interrupt occurs.
• Bit 7 Unemployed, read as ‘0’;
• Bit 6 (CMPIF) High-compared interrupt flag. Set when a change occurs in the output of Comparator,
reset by software.
• Bit 5 (PWM2IF) PWM2 (Pulse Width Modulation) interrupt flag. Set when a selected period is
reached, reset by software.
• Bit 4 (PWM1IF) PWM1 (Pulse Width Modulation) interrupt flag. Set when a selected period is
reached, reset by software.
• Bit 3 (ADIF) Interrupt flag for analog to digital conversion. Set when AD conversion is completed,
reset by software.
• Bit 2 (EXIF) External interrupt flag. Set by falling edge on /INT pin, reset by software.
• Bit 1 (ICIF) Port 6 input status change interrupt flag. Set when Port 6 input changes, reset by
software.
• Bit 0 (TCIF) TCC overflow interrupt flag. Set when TCC overflows, reset by software.
• RF can be cleared by instruction but cannot be set.
• IOCF0 is the interrupt mask register.
• Note that to read RF will result to "logic AND" of RF and IOCF0.
15. R10 ~ R3F
• All of these are 8-bit general-purpose registers.
4.2 Special Purpose Registers
1. A (Accumulator)
• Internal data transfer, or instruction operand holding
• It can not be addressed.
2. CONT (Control Register)
7
6
5
4
3
2
1
0
INTE
INT
TS
TE
PAB
PSR2
PSR1
PSR0
• Bit 7 (INTE) INT signal edge
0: interrupt occurs at the rising edge on the INT pin
1: interrupt occurs at the falling edge on the INT pin
• Bit 6 (INT) Interrupt enable flag
0: masked by DISI or hardware interrupt
1: enabled by the ENI/RETI instructions
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com