Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P458AP Datasheet(PDF) 48 Page - ELAN Microelectronics Corp

Part # EM78P458AP
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458AP Datasheet(HTML) 48 Page - ELAN Microelectronics Corp

Back Button EM78P458AP Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 52Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
EM78P458/459
OTP ROM
3.3k
510 KHz
470 KHz
5.1k
340 KHz
320 KHz
10k
175 KHz
170 KHz
300 pF
100k
19 KHz
19 KHz
<Note>
1. Measured on DIP packages.
2. Design reference only
4. RC Oscillator Mode with Internal Capacitor
If both precision and cost are taken into consideration, EM78P257A/B also offers a special oscillation
mode. It is equipped with an internal capacitor and an external resistor (connected to Vcc). The
internal capacitor functions as temperature compensator. In order to obtain more accurate frequency,
a precise resistor is recommended.
OSCI
EM78P458
Vcc
Rext
EM78P459
Fig. 21 Circuit for Internal C Oscillator Mode
Table 15 R Oscillator Frequencies
Rext
Average Fosc 5V,25
°C
Average Fosc 3V,25
°C
51k
2.22 MHz
2.17 MHz
100k
1.15 MHz
1.14 MHz
300k
375 KHz
370 KHz
<Note>
1. Measured on DIP packages.
2. Design reference only
4.13 Power-on Considerations
Any microcontroller is not warranted to start proper operation before the power supply stabilizes in
steady state.
EM78P458/459 POR voltage range is 1.2V~1.8V. Under customer application, when power is OFF,
Vdd must drop to below 1.2V and remains OFF for 10us before power can be switched ON again.
This way, the EM78P458/459 will reset and work normally. The extra external reset circuit will work
well if Vdd can rise at very fast speed (50 ms or less). However, under most cases where critical
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com