Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P458AP Datasheet(PDF) 46 Page - ELAN Microelectronics Corp

Part # EM78P458AP
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458AP Datasheet(HTML) 46 Page - ELAN Microelectronics Corp

Back Button EM78P458AP Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P458AP Datasheet HTML 50Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
EM78P458/459
OTP ROM
below.
OSCI
OSCO
Ext.
Clock
EM78P458
EM78P459
Fig. 18 Circuit for External Clock Input
In the most applications, pin OSCI and pin OSCO can be connected with a crystal or ceramic
resonator to generate oscillation. Fig. 19 depicts such circuit. The same applies to the HXT mode and
the LXT mode. Table 12 provided the recommended values of C1 and C2. Since each resonator has
its own attribute, user should refer to their specifications for appropriate values of C1 and C2. RS, a
serial resistor, may be necessary for AT strip cut crystal or low frequency mode.
OSCI
OSCO
EM78P458
EM78P459
C1
C2
XTAL
RS
Fig. 19 Circuit for Crystal/Resonator
Table 13 Capacitor Selection Guide for Crystal Oscillator or Ceramic Resonators
Oscillator Type
Frequency Mode
Frequency
C1(pF)
C2(pF)
455 kHz
100~150
100~150
2.0 MHz
20~40
20~40
Ceramic
Resonators
HXT
4.0 MHz
10~30
10~30
32.768kHz
25
15
100KHz
25
25
LXT
200KHz
25
25
455KHz
20~40
20~150
1.0MHz
15~30
15~30
2.0MHz
15
15
Crystal Oscillator
HXT
4.0MHz
15
15
3. External RC Oscillator Mode
For some applications that do not require precise timing calculation, the RC oscillator (Fig. 20) could
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com